Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD54
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD54 Datasheet(HTML) 2 Page - Sumida Corporation

  CD54_13 Datasheet HTML 1Page - Sumida Corporation CD54_13 Datasheet HTML 2Page - Sumida Corporation CD54_13 Datasheet HTML 3Page - Sumida Corporation CD54_13 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD54
Electrical Characteristics
※1: Inductance measuring frequency: 10μH ~ 82μH , at 2.52MHz.
100
μH ~220μH , at 1 kHz.
※2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=40℃,
whichever is lower (Ta=20
℃).
0.35
1.57
220
±10%
221
CD54NP-221KC
0.38
1.38
180
±10%
181
CD54NP-181KC
0.40
1.10
150
±10%
151
CD54NP-151KC
0.48
0.93
120
±10%
121
CD54NP-121KC
0.52
0.70
100
±10%
101
CD54NP-101KC
0.58
0.60
82
±10%
820
CD54NP-820KC
0.61
0.46
68
±10%
680
CD54NP-680KC
0.68
0.42
56
±10%
560
CD54NP-560KC
0.72
0.37
47
±15%
470
CD54NP-470LC
0.80
0.32
39
±15%
390
CD54NP-390LC
0.88
0.23
33
±15%
330
CD54NP-330LC
0.97
0.20
27
±20%
270
CD54NP-270MC
1.11
0.18
22
±20%
220
CD54NP-220MC
1.23
0.15
18
±20%
180
CD54NP-180MC
1.30
0.14
15
±20%
150
CD54NP-150MC
1.40
0.12
12
±20%
120
CD54NP-120MC
1.44
0.10
10
±20%
100
CD54NP-100MC
Rated Current
(A)
※2
D.C.R (
Ω)
[Max.] (at 20
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part Name



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com