Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD43 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CD43
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD43 Datasheet(HTML) 3 Page - Sumida Corporation

  CD43_13 Datasheet HTML 1Page - Sumida Corporation CD43_13 Datasheet HTML 2Page - Sumida Corporation CD43_13 Datasheet HTML 3Page - Sumida Corporation CD43_13 Datasheet HTML 4Page - Sumida Corporation CD43_13 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD43
0
2
4
6
8
10
12
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0
0.8
1.6
2.4
3.2
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
1
2
3
4
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
1
2
3
4
5
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
1
2
3
4
5
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
0
10
20
30
40
50
60
1. CD43NP-1R0MC
△T (℃)
L (
μH)
2. CD43NP-1R4MC
△T (℃)
L (
μH)
3. CD43NP-1R8MC
L (
μH)
DC (A)
5. CD43NP-2R7MC
△T (℃)
L (
μH)
6. CD43NP-3R3MC
DC (A)
4. CD43NP-2R2MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
Saturation Current & Temperature Rise Graph
7. CD43NP-3R9MC
△T (℃)
L (
μH)
8. CD43NP-4R7MC
△T (℃)
L (
μH)
DC (A)
9. CD43NP-5R6MC
DC (A)
DC (A)
10. CD43NP-6R8MC
△T (℃)
L (
μH)
DC (A)
11. CD43NP-8R2MC
△T (℃)
L (
μH)
DC (A)
△T (℃)
L (
μH)
L (20
℃)
△T
L (105
℃)
12. CD43NP-100MC
△T (℃)
L (
μH)
DC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com