Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5232 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5232
Description  Matched dual high-performance low-voltage operational amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5232 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5232 Datasheet HTML 1Page - NXP Semiconductors SA5232 Datasheet HTML 2Page - NXP Semiconductors SA5232 Datasheet HTML 3Page - NXP Semiconductors SA5232 Datasheet HTML 4Page - NXP Semiconductors SA5232 Datasheet HTML 5Page - NXP Semiconductors SA5232 Datasheet HTML 6Page - NXP Semiconductors SA5232 Datasheet HTML 7Page - NXP Semiconductors SA5232 Datasheet HTML 8Page - NXP Semiconductors SA5232 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data
NE/SA/AU5232
Matched dual high-performance
low-voltage operational amplifier
2002 May 21
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Single supply voltage
7
V
ESD protection voltage at any pin5
VESD
human body model
2000
V
robot model
200
V
VS
Dual supply voltage
±3.5
V
VDP
Voltage at any device pin1
VS ± 0.5
V
IDP
Current into any device pin1
±50
mA
Vi(dif)
Differential input voltage2
0.5
V
Vi(CM)
Common-mode input voltage (positive)
VCC + 0.5
V
Vi(CM)
Common-mode input voltage (negative)
VEE – 0.5
V
PD
Power dissipation3
500
mW
Tj
Operating junction temperature3
+150
°C
VSC
Supply voltage allowing indefinite output short circuit to either rail3,4
7
V
Tstg
Storage temperature range
–65 to +150
°C
Tsld
Lead soldering temperature (10 sec max)
+230
°C
Thermal impedance
θJA
8-pin plastic DIP
°C/W
8-pin plastic SO
°C/W
NOTES:
1. Each pin is protected by ESD diodes. The voltage at any pin is limited by the ESD diodes.
2. The differential input of each amplifier is limited by two internal diodes, connected in parallel and opposite to each other. For more differential
input range, use differential resistors in series with the input pins.
3. The maximum operating junction temperature is +150
°C. At elevated temperatures, devices must be derated according to the package
thermal resistance and device mounting conditions. Derates above +25
°C: N package at 9.5 mW/°C; D package at 6.25 mW/°C.
4. Simultaneous short circuits of two amplifiers to the positive or negative rail can exceed the power dissipation ratings and cause eventual
destruction of the device.
5. Guaranteed by design.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Single supply voltage
+2 to +5.5
V
VS
Dual supply voltage
±1 to ±2.75
V
Vi(CM)
Common-mode input voltage (positive)
VCC + 0.25
V
Vi(CM)
Common-mode input voltage (negative)
VEE – 0.25
V
Temperature
Tamb
NE
0 to +70
°C
Tamb
SA
–40 to +85
°C
AU
–40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com