Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5232D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA5232D
Description  Matched dual high-performance low-voltage operational amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5232D Datasheet(HTML) 5 Page - NXP Semiconductors

  SA5232D Datasheet HTML 1Page - NXP Semiconductors SA5232D Datasheet HTML 2Page - NXP Semiconductors SA5232D Datasheet HTML 3Page - NXP Semiconductors SA5232D Datasheet HTML 4Page - NXP Semiconductors SA5232D Datasheet HTML 5Page - NXP Semiconductors SA5232D Datasheet HTML 6Page - NXP Semiconductors SA5232D Datasheet HTML 7Page - NXP Semiconductors SA5232D Datasheet HTML 8Page - NXP Semiconductors SA5232D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product data
NE/SA/AU5232
Matched dual high-performance
low-voltage operational amplifier
2002 May 21
5
DC ELECTRICAL CHARACTERISTICS
VCC = 2 V to 5.5 V, VEE = 0 V, Tamb = 25 °C; VEE < Vi(CM) < VCC; unless otherwise stated.
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
AU5232
UNIT
MIN
TYP
MAX
VCC = 5.5V
1.4
2.0
ICC
Supply current
VCC = 5.5 V;
over full temp. range
1.6
2.4
mA
VOS
Offset voltage
±0.2
±4
mV
VOS
Offset voltage
Over full temp. range
±0.6
±5
mV
∆VOS/∆T Offset voltage drift with temperature
4
µV/°C
∆VOS
Offset voltage difference between any amplifiers in the
0.4
3
mV
∆VOS
gy
same package at the same common mode level1
Over full temp. range
1.2
4
mV
IOS
Offset current
±3
±30
nA
IOS
Offset current
Over full temp. range
±6
±60
nA
∆IOS/∆T Offset current drift with temperature
0.03
±.3
nA/
°C
1
VEE < Vi(CM) < VEE +0.5 V
–200
–90
I
Input bias current1
Over full temp. range
–250
–150
nA
IB
Input bias current1
VEE +1 V < Vi(CM) < VCC
25
75
nA
Over full temp. range
35
120
∆IB/∆T
Input bias current drift with temperature
0.5
nA/
°C
VEE < Vi(CM) < VEE +0.5 V
10
30
∆IB
Input bias current difference between any amplifier in the
Over full temp. range
50
70
nA
y
same package at the same common mode level.
VEE +1 V < Vi(CM) < VCC
5
20
nA
Over full temp. range
25
50
VOS ≤ 6 mV
VEE–0.25
VCC+0.25
Vi(CM)
Common-mode input range
VOS ≤ 6 mV;
Over full temp. range
VEE–0.1
VCC+0.1
V
Common-mode rejection ratio, small signal
VEE < Vi(CM) < VEE+0.5V;
VEE+1V < Vi(CM) < VCC
80
100
CMRR
j,
g
Over full temp. range
70
dB
Common mode rejection ratio large signal
VEE < Vi(CM) < VCC
65
90
Common-mode rejection ratio, large signal
Over full temp. range
55
PSRR
Power supply rejection ratio
VEE < Vi(CM) < VCC
80
100
dB
PSRR
Power supply rejection ratio
Over full temp. range
75
90
dB
I
Peak load current sink and source
10
12
mA
IL
Peak load current, sink and source
Over full temp. range
5
8
mA
A O
Open loop voltage gain
90
110
dB
AVOL
Open-loop voltage gain
Over full temp. range
90
dB
IPEAK = 0.1 mA
VEE+0.1
VCC–0.1
Output voltage swing
IPEAK = 10 mA
VEE+0.25
VCC–0.25
V
VOUT
Out ut voltage swing
IPEAK = 5 mA;
over full temp. range
VEE+0.2
VCC–0.2
V
Output voltage swing for
RL = 2 kΩ
VEE+0.2
VCC–0.2
V
gg
VCC = 2.75 V, VEE = –2.75 V
RL = 600 Ω
VEE+0.25
VCC–0.25
V
NOTE:
1. These parameters are measured for VEE < VCM < VEE+0.5 V and for VEE+1 V < VCM < VCC. By design these parameters are intermediate
for common mode ranges between the measured regions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com