Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS224 Datasheet(PDF) 2 Page - Sumida Corporation

Part # AS224
Description  Antenna < Transponder: RF-ID ( TX ) >
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

AS224 Datasheet(HTML) 2 Page - Sumida Corporation

  AS224 Datasheet HTML 1Page - Sumida Corporation AS224 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Antenna < Transponder: RF-ID ( TX ) >
Type: AS224
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
◆
◆
◆
Schematic diagram
◆
Electrical Characteristics
Part number
Inductance
Unload Q
D.C.R
AS215-480
480
μH±5%
30 Min.
3.1
Ω( Ref.)
AS224-345
345
μH±5%
AS224-717
717
μH±5%
*
*
*
* It is possible for other inductance.
*
*
*
* The test condition is 125kHz/1V for Inductance and Unload Q value.
◆
Packaging specification
*
*
*
* Using magazine packaging.
*
*
*
* Outside carton dimension: 400mm X 320mm X 90mm.
*
*
*
* Packaging Q’ty: 1200pcs/carton.
①
②
L
R
L: Ferrite core coil inductance.
R: Copper resistance.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com