Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52-PV6F240SS331M15 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV6F240SS331M15
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV6F240SS331M15 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV6F240SS331M15 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV6F240SS-331-M15
2:1
6/30/2015
52-PV6F240SS331M15
A
MW
1
1
RECOMMENDED PANEL CUTOUT
MAX. PANEL THICKNESS
10.0 [.315 in]
1
(-)
(+)
2
1
(-)
A
21899
RELEASE FOR PRODUCTION
6/30/15
MW
18.00
[.709 in]
11.90
[.469 in]
1.50
[.059 in]
16.50 1.00
.65 .04 in
[
]
20.0 1.0
.79 .04 in
[
]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER PLATED COPPER
5. RATING: 2A 48VDC
6. ELECTRIC LIFE: 200,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 M
MIN.
8. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20 C to 55 C
11. TRAVEL: 1.8mm
12.
DENOTES CRITICAL PARAMETER.
13. ILLLUMINATION VOLTAGE: 2.8V 20mA
14. ILLUMINATION COLOR: GREEN
15. HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
16.00
[.630 in]
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-2
(ON) = MOMENTARY
ILLUMINATED RING: GREEN
M16x1.0
BODY: STAINLESS STEEL
8.40
[.331 in]
9.80
[.386 in]
.50
[.020 in]
2.00
[.079 in]
9.20
[.362 in]
7.30 .15
.287 .006 in
[
]
7.40 .15
.291 .006 in
[
]
6.00
[.236 in]
FLAT ACTUATOR:
STAINLESS STEEL
ILLUMINATED
POWER SYMBOL
L
1
2
+
SPDT
CONTACT CONFIGURATION
-


Similar Part No. - 52-PV6F240SS331M15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV6F240SS331M15 E-SWITCH-52-PV6F240SS331M15_15 Datasheet
164Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV6F240SS331M15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com