Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS16F95 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS16F95 Datasheet HTML 1Page - National Semiconductor (TI) DS16F95 Datasheet HTML 2Page - National Semiconductor (TI) DS16F95 Datasheet HTML 3Page - National Semiconductor (TI) DS16F95 Datasheet HTML 4Page - National Semiconductor (TI) DS16F95 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
COMMERCIAL
Absolute Maximum Ratings (Note 2)
Specifications for the 883 version of this product are
listed separately on the following pages.
Storage Temperature Range
−65˚C to +175˚C
Lead Temperature
(Soldering, 60 sec.)
300˚C
Maximum Package Power Dissipation (Note 1) at 25˚C
’J’ Package
1300 mW
’M’ Package
735 mW
Supply Voltage
7.0V
Input Voltage (Bus Terminal)
+15V/−10V
Enable Input Voltage
5.5V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
DS36F95
4.75
5.0
5.25
V
DS16F95
4.50
5.0
5.50
V
Voltage at Any Bus Terminal
(Separately or Common Mode)
(V
I or VCM)
−7.0
+12
V
Differential Input
±12
V
Voltage (V
ID)
Output Current HIGH (I
OH)
Driver
−60
mA
Receiver
−400
µA
Output Current LOW (I
OL)
Driver
60
mA
Receiver
16
mA
Operating Temperature (T
A)
DS36F95
0
+25
+70
˚C
DS16F95
−55
+25
+125
˚C
Note 1: Derate ’J’ package 8.7 mW/˚C above 25˚C.
Derate ’M’ package 5.88 mW/˚C above 25˚C.
Driver Electrical Characteristics (Notes 3, 4)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Input Voltage HIGH
2.0
V
V
IL
Input Voltage LOW
0.8
V
V
OH
Output Voltage HIGH
I
OH = −55 mA
0˚C to +70˚C
3.0
V
V
OL
Output Voltage LOW
I
OL = 55 mA
0˚C to +70˚C
2.0
V
V
IC
Input Clamp Voltage
I
I = −18 mA
−1.3
V
|V
OD1|
Differential Output Voltage
I
O = 0 mA
6.0
V
|V
OD2|
Differential Output Voltage
R
L = 100Ω, Figure 1
2.0
2.25
V
R
L =54Ω, Figure 1
1.5
2.0
∆|V
OD|
Change in Magnitude of
R
L =54Ω or 100Ω,
−40˚C to +125˚C
±0.2
V
Differential Output Voltage
Figure 1
−55˚C to +125˚C
±0.4
(Note 5)
V
OC
Common Mode Output
Voltage (Note 6)
3.0
V
∆|V
OC|
Change in Magnitude of
Common Mode Output
Voltage (Note 5)
±0.2
V
I
O
Output Current (Note 9)
Output Disabled
V
O = +12V
1.0
mA
(Includes Receiver I
I)VO = −7.0V
−0.8
I
IH
Input Current HIGH
V
I = 2.4V
20
µA
I
IL
Input Current LOW
V
I = 0.4V
−50
µA
I
OS
Short Circuit Output Current
(Note 10)
V
O = −7.0V
−250
V
O = 0V
−150
mA
V
O =VCC
150
V
O = +12V
250
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com