Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4IOE5V9539LE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9539LE
Description  interrupt and reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9539LE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9539LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9539LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9539LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9539LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9539LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4IOE5V9539LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI4IOE5V9539LE Datasheet HTML 15Page - Pericom Semiconductor Corporation PI4IOE5V9539LE Datasheet HTML 16Page - Pericom Semiconductor Corporation PI4IOE5V9539LE Datasheet HTML 17Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0019
PT0549-3
02/15/16
13
PI4IOE5V9539
16-bit I
2C-bus and SMBus
low power I/O port with interrupt and reset
iii.
Interrupt output
The open-drain interrupt output is activated when one of the port pins changes state and the pin is configured as an input.
The interrupt is deactivated when the input returns to its previous state or the Input Port register is read. A pin configured as
an output cannot cause an interrupt. Since each 8-bit port is read independently, the interrupt caused by Port 0 will not be cleared
by a read of Port 1 or the other way around.
Note: Changing an I/O from an output to an input may cause a false interrupt to occur if the state of the pin does not match
the contents of the Input Port register.
Figure 9: Read Input port register
Note: Transfer of data can be stopped at any moment by a STOP condition. When this occurs, data present at the latest acknowledge phase is valid (output
mode). It is assumed that the command byte has previously been set to ‘00’ (read Input Port register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com