Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4IOE5V9673LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9673LE
Description  reset Description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9673LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI4IOE5V9673LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9673LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-01-0022
PT0553-4
02/15/16
2
PI4IOE5V9673
Preliminary Datasheet
16-bit I
2C-bus and SMBus I/O port with interrupt and reset
Pin Description
Table 1: Pin Description
Pin
Name
Type
Description
TSSOP24
TQFN24
1
22
INT
O
Interrupt input (open-drain)
2
23
AD1
I
Address input 1
3
24
RESET
I
Reset input
4
1
P00
I/O
Port 0 input/output 0
5
2
P01
I/O
Port 0 input/output 1
6
3
P02
I/O
Port 0 input/output 2
7
4
P03
I/O
Port 0 input/output 3
8
5
P04
I/O
Port 0 input/output 4
9
6
P05
I/O
Port 0 input/output 5
10
7
P06
I/O
Port 0 input/output 6
11
8
P07
I/O
Port 0 input/output 7
12
9
GND
G
Ground
13
10
P10
I/O
Port 1 input/output 0
14
11
P11
I/O
Port 1 input/output 1
15
12
P12
I/O
Port 1 input/output 2
16
13
P13
I/O
Port 1 input/output 3
17
14
P14
I/O
Port 1 input/output 4
18
15
P15
I/O
Port 1 input/output 5
19
16
P16
I/O
Port 1 input/output 6
20
17
P17
I/O
Port 1 input/output 7
21
18
AD0
I
Address input 0
22
19
SCL
I
Serial clock line input
23
20
SDA
I
Serial data line open-drain
24
21
VCC
P
Supply voltage
* I = Input; O = Output; P = Power; G = Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com