Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4IOE5V9675LE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI4IOE5V9675LE
Description  interrupt Description
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4IOE5V9675LE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI4IOE5V9675LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 15Page - Pericom Semiconductor Corporation PI4IOE5V9675LE Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2016-06-0008
PT0555-3
08/04/16
13
PI4IOE5V9675
Preliminary Datasheet
16-bit I
2C-bus and SMBus I/O port with interrupt
Power-on reset
When power is applied to VCC, an internal Power-On Reset (POR) holds the PI4IOE5V9675 in a reset condition until VCC
has reached VPOR. At that point, the reset condition is released and the PI4IOE5V9675 registers and I
2C-bus/SMBus state
machine will initialize to their default states. Thereafter VCC must be lowered below 0.2 V to reset the device.
Interrupt output (INT)
The PI4IOE5V9675 provides an open-drain interrupt (INT) which can be fed to a corresponding input of the microcontroller.
This gives these chips a kind of master function which can initiate an action elsewhere in the system.
An interrupt is generated by any rising or falling edge of the port inputs. After time t(V)D the signal INT is valid.
The interrupt disappears when data on the port is changed to the original setting or data is read from or written to the device
which has generated the interrupt.
In the write mode, the interrupt may become deactivated (HIGH) on the rising edge of the write to port pulse. On the falling
edge of the write to port pulse the interrupt is definitely deactivated (HIGH).
The interrupt is reset in the read mode on the rising edge of the read from port pulse.
During the resetting of the interrupt itself, any changes on the I/Os may not generate an interrupt. After the interrupt is reset
any change in I/Os will be detected and transmitted as an INT.
Figure 10.Bidirectional I/O expander application
Bidirectional I/O expander applications
In the 8-bit I/O expander application shown in Figure 11, P00 and P01 are inputs, and P02 to P07 are outputs. When used in
this configuration, during a write, the input (P00 and P01) must be written as HIGH so the external devices fully control the input
ports. The desired HIGH or LOW logic levels may be written to the I/Os used as outputs (P02 to P07). During a read, the logic
levels of the external devices driving the input ports (P00 and P01) and the previous written logic level to the output ports (P02 to
P07) will be read.The GPIO also has an interrupt line (INT) that can be connected to the interrupt logic of the microprocessor. By
sending an interrupt signal on this line, the remote I/O informs the microprocessor that there is incoming data or a change of data
on its ports without having to communicate via the I
2C-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com