Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4MSD5V9542AWEX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI4MSD5V9542AWEX
Description  2 Channel I2Cbus Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4MSD5V9542AWEX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI4MSD5V9542AWEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4MSD5V9542AWEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4MSD5V9542AWEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4MSD5V9542AWEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4MSD5V9542AWEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4MSD5V9542AWEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4MSD5V9542AWEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4MSD5V9542AWEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4MSD5V9542AWEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0033
PT0523-4
8/18/15
5
PI4MSD5V9542A
2 Channel I2C bus Multiplexer
with Interrupt Logic
I2C Interface Timing Requirements
Symbol
Parameter
STANDARD MODE
I2C BUS
FAST MODE
I2C BUS
UNIT
MIN
MAX
MIN
MAX
fscl
I2C clock frequency
0
100
0
400
kHz
tLow
I2C clock high time
4.7
1.3
μs
tHigh
I2C clock low time
4
0.6
μs
tSP
I2C spike time
50
50
ns
tSU:DAT
I2C serial-data setup time
250
100
ns
tHD:DAT
I2C serial-data hold time
0
[1]
0
[1]
μs
tr
I2C input rise time
1000
300
ns
tf
I2C input fall time
300
300
ns
tBUF
I2C bus free time between stop and start
4.7
1.3
μs
tSU:STA
I2C start or repeated start condition setup
4.7
0.6
μs
tHD:STA
I2C start or repeated start condition hold
4
0.6
μs
tSU:STO
I2C stop condition setup
4
0.6
μs
tVD:DAT
Valid-data time (high to low)
[2]
SCL low to SDA output low valid
1
1
μs
Valid-data time (low to high)
[2]
SCL low to SDA output high valid
0.6
0.6
μs
tVD:ACK
Valid-data time of ACK condition
ACK signal from SCL low to SDA output low
1
1
μs
Cb
I2C bus capacitive load
400
400
pF
Notes:
[1] A device internally must provide a hold time of at least 300 ns for the SDA signal (referred to as the VIH min of the SCL
signal), in order to bridge the undefined region of the falling edge of SCL.
[2] Data taken using a 1-kΩ pullup resistor and 50-pF load Notes
Figure 2. Definition of timing on the I2C-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com