Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TE100-DFXM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TE100-DFXM
Description  24-port 10/100Mbps Dual Speed SNMP Stackable Master Hub
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TE100-DFXM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TE100-DFXM Datasheet HTML 1Page - List of Unclassifed Manufacturers TE100-DFXM Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The TE100-DM24 dual speed SNMP stackable master hub provides a
phenomenal level of flexibility and ease of use for migration to higher
bandwidth network environments. Each port auto-senses between
10Mbps Ethernet and 100Mbps Fast Ethernet. Once the port speed is
determined, the hub creates independent segments for the 10Mbps and
100Mbps ports. Linking the 10Mbps and 100Mbps segments together is
achieved through an optional switch module.
The optional TE100-DSM switch module can be installed in any hub in the
stack, making it possible to transparently bridge between 10Mbps and 100Mbps segments. In a managed hub stack, more than
one TE100-DSM module can be used to provide automatic redundancy.
The TE100-DM24 is a SNMP Master hub which will control up to four TE100-DS24 stackable hubs via integrated management
ports. A stack of TE100-DM24/DS24 hubs operates as a class II Fast Ethernet repeater, allowing linkage to another Class II Fast
Ethernet Stack in the same collision domain.
One 100Base-TX switched port module and one switched 100Base-FX port are also available, in addition to the TE100-DSM
switch module, for greater configuration flexibility.
TE100-DM24
24-port 10/100Mbps Dual Speed SNMP Stackable Master Hub
Plug and Play installation with automatic port configuration
Supports 24 10/100Mbps auto-sensing and auto-negotiation
ports
Uplink port provides easy expansion to another hub
Stackable to five units for a total of 120 ports
Scalable expansion of up to two stacks for a total 238 ports
One management hub) controls an entire stack of dual speed
hubs (max. four hubs)
TE100-DM24 stacks can make use of additional switch
modules for redundancy
EIA-19" rack mountable
High visibility LED indicators provide status for each port
Bandwidth utilization LED array for traffic volume display
Automatic Hub ID assignment and front panel display
Built-in auto-partitioning instantly isolates network failures
One RS-232 port allows local terminal access to hub
configuration, diagnosis, and firmware upgrade
Slide-in switch module allows bridging between 10Mbps and
100Mbps segments, just one switch module is required for
entire stack
Slide-in switch module for one 100Base-TX connections or one
100Base-FX connection
5 Year Warranty
FEATURES
BENEFITS
Upgradable:
Expandable:
Flexible:
Cost Effective:
Performance:
Ethernet workgroups can be upgraded
to Fast Ethernet without changing
hubs.
Connect up to 120 users per stack.
Also stackable with TE100-D16s hubs.
All 10 and 100Mbps users can exist
on one hub.
Provides 10Mbps and 100Mbps
SNMP stackable hub, and
10/100Mbps switch functionality in
one unit.
Full 100Mbps connectivity significantly
boosts network performance.
TE100-DM24 (11-17-2002)
TRENDnet
TRENDware, USA
What's Next in Networking


Similar Part No. - TE100-DFXM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TE100-S16EPLUS ETC2-TE100-S16EPLUS Datasheet
465Kb / 2P
16-Port 10/100Mbps Fast Ethernet Switch
TE100-S16R ETC2-TE100-S16R Datasheet
465Kb / 2P
16-Port 10/100Mbps Fast Ethernet Switch
TE100-S24R ETC2-TE100-S24R Datasheet
465Kb / 2P
16-Port 10/100Mbps Fast Ethernet Switch
TE100-S5 ETC2-TE100-S5 Datasheet
465Kb / 2P
16-Port 10/100Mbps Fast Ethernet Switch
TE100-S88EPLUS ETC2-TE100-S88EPLUS Datasheet
465Kb / 2P
16-Port 10/100Mbps Fast Ethernet Switch
More results

Similar Description - TE100-DFXM

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MDS212 ZARLINK-MDS212 Datasheet
1Mb / 111P
12-Port 10/100Mbps Ethernet Switch
MDS213 ZARLINK-MDS213 Datasheet
1Mb / 120P
12-Port 10/100Mbps 1Gbps Ethernet Switch
logo
List of Unclassifed Man...
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
TE100-S16R ETC2-TE100-S16R Datasheet
465Kb / 2P
16-Port 10/100Mbps Fast Ethernet Switch
logo
Vitesse Semiconductor C...
VSC7310-01 VITESSE-VSC7310-01 Datasheet
488Kb / 2P
24-Port 10/100/1000 and 2-Port 10 Gbps Wire-Speed Stackable Layer-2/Layer-3 Ethernet Switch
logo
List of Unclassifed Man...
IP1718LF ETC2-IP1718LF Datasheet
774Kb / 33P
18-port 10/100Mbps Smart Switch Controller
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
5-Port 10/100Mbps Desktop Switch
TL-SF1008P ETC2-TL-SF1008P Datasheet
661Kb / 3P
8-Port 10/100Mbps Desktop Switch with 4-Port PoE
logo
Advantech Co., Ltd.
EKI-3525-AE ADVANTECH-EKI-3525-AE Datasheet
901Kb / 2P
5-port 10/100Mbps Unmanaged Industrial Ethernet Switch
EKI-3528-AE ADVANTECH-EKI-3528-AE Datasheet
901Kb / 2P
8-port 10/100Mbps Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com