Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH38D16RLDNP-R90NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH38D16RLDNP-R90NC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH38D16RLDNP-R90NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH38D16RLDNP-R90NC Datasheet HTML 1Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 2Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 3Page - Sumida Corporation CDRH38D16RLDNP-R90NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH38D16R/LD
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.35
0.12
0.15
1335
±20%
100
±20%
N
CDRH38D16RLDNP-101MC
0.45
0.15
0.18
867
±20%
68
±20%
M
CDRH38D16RLDNP-680MC
0.65
0.19
0.22
490
±20%
47
±20%
L
CDRH38D16RLDNP-470MC
0.75
0.23
0.26
351
±20%
33
±20%
K
CDRH38D16RLDNP-330MC
0.90
0.28
0.32
248
±20%
22
±20%
J
CDRH38D16RLDNP-220MC
1.13
0.32
0.36
163
±20%
15
±20%
H
CDRH38D16RLDNP-150MC
1.45
0.40
0.47
104
±20%
10
±20%
G
CDRH38D16RLDNP-100MC
1.75
0.49
0.56
75
±25%
6.8
±20%
F
CDRH38D16RLDNP-6R8MC
2.00
0.59
0.69
55
±25%
4.7
±20%
E
CDRH38D16RLDNP-4R7MC
2.60
0.70
0.81
37
±25%
3.3
±20%
D
CDRH38D16RLDNP-3R3MC
3.00
0.88
1.01
30
±25%
2.2
±30%
C
CDRH38D16RLDNP-2R2NC
3.15
0.99
1.14
25
±25%
1.6
±30%
B
CDRH38D16RLDNP-1R6NC
3.80
1.31
1.54
18
±25%
0.90
±30%
A
CDRH38D16RLDNP-R90NC
(at100
℃)
(at20
℃)
Temperature rise
Current (A)
※3
Saturation current
(A)
※2
D.C.R. (m
Ω)
[Within]
(at20
℃)
Inductance (
μH)
[Within]
※1
Stamp
Part No.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com