Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH38D16RNP-R90NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH38D16RNP-R90NC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH38D16RNP-R90NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH38D16RNP-R90NC Datasheet HTML 1Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 2Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 3Page - Sumida Corporation CDRH38D16RNP-R90NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH38D16R
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.33
0.17
0.20
1521
±20%
100
±20%
N
CDRH38D16RNP-101MC
0.42
0.22
0.26
1007
±20%
68
±20%
M
CDRH38D16RNP-680MC
0.47
0.24
0.29
788
±20%
47
±20%
L
CDRH38D16RNP-470MC
0.68
0.31
0.35
431
±20%
33
±20%
K
CDRH38D16RNP-330MC
0.80
0.38
0.44
303
±20%
22
±20%
J
CDRH38D16RNP-220MC
1.15
0.47
0.53
174
±20%
15
±20%
H
CDRH38D16RNP-150MC
1.30
0.54
0.62
127
±20%
10
±20%
G
CDRH38D16RNP-100MC
1.50
0.69
0.81
91
±25%
6.8
±20%
F
CDRH38D16RNP-6R8MC
1.75
0.80
0.95
68
±25%
4.7
±20%
E
CDRH38D16RNP-4R7MC
2.25
0.99
1.16
47
±25%
3.3
±20%
D
CDRH38D16RNP-3R3MC
2.85
1.22
1.41
30
±25%
2.2
±30%
C
CDRH38D16RNP-2R2NC
3.05
1.39
1.65
27
±25%
1.6
±30%
B
CDRH38D16RNP-1R6NC
3.45
1.73
2.18
19
±25%
0.90
±30%
A
CDRH38D16RNP-R90NC
(at105
℃)
(at20
℃)
Temperature rise
Current (A)
※3
Saturation current
(A)
※2
D.C.R. (m
Ω)
[Within]
(at20
℃)
Inductance (
μH)
[Within]
※1
Stamp
Part No.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com