Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL3301 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TSL3301
Description  102 횞 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL3301 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TSL3301 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 11Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 12Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 13Page - List of Unclassifed Manufacturers TSL3301 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TSL3301
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOGTODIGITAL CONVERTER
TAOS026 – FEBRUARY 2001
12
www.taosinc.com
t
t
Copyright
E 2001, TAOS Inc.
TYPICAL CHARACTERISTICS
0.6
0
300
500
700
900
1.2
1100
1.0
0.8
0.4
λ – Wavelength – nm
TA = 25°C
0.2
PHOTODIODE SPECTRAL RESPONSIVITY
Normalized to
660 nm
Figure 5. TSL3301 Photodiode Spectral Response
APPLICATION INFORMATION
Normal Sequence
A typical programming sequence for the TSL3301 device appears below:
Send(IRESET);
Send(RESET);
Calibration Cycle
*
*
while(1) {
for(i=0;i<=2;i++) {/* for each pixel page */
Write page gain register
Write page offset register
Read page gain register and verify (optional)
Read page offset register and verify (optional)
}
}
Send(STARTInt);
DelayIntegrationTime();
/* wait for appropriate time interval to elapse */
Send(SAMPLEInt);
Send(READPixel);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com