Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMC6D28NP-R68MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDMC6D28NP-R68MC
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC6D28NP-R68MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDMC6D28NP-R68MC Datasheet HTML 1Page - Sumida Corporation CDMC6D28NP-R68MC Datasheet HTML 2Page - Sumida Corporation CDMC6D28NP-R68MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDMC6D28
0.00
0.06
0.12
0.18
0.24
0.30
0.36
0
4
8
12 16 20 24
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
3
6
9
12
15 18
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
3
6
9
12
15 18
0
10
20
30
40
50
60
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
5
10 15 20 25 30
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDMC6D28NP-R20MC
△T (℃)
L (
μH)
2. CDMC6D28NP-R30MC
△T (℃)
L (
μH)
3. CDMC6D28NP-R47MC
L (
μH)
DC (A)
5. CDMC6D28NP-1R0MC
△T (℃)
L (
μH)
6. CDMC6D28NP-1R5MC
DC (A)
7. CDMC6D28NP-2R2MC
△T (℃)
L (
μH)
8. CDMC6D28NP-3R3MC
△T (℃)
L (
μH)
DC (A)
9. CDMC6D28NP-4R7MC
DC (A)
4. CDMC6D28NP-R68MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (125
℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com