Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMC6D28NP-R20MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDMC6D28NP-R20MC
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC6D28NP-R20MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDMC6D28NP-R20MC Datasheet HTML 1Page - Sumida Corporation CDMC6D28NP-R20MC Datasheet HTML 2Page - Sumida Corporation CDMC6D28NP-R20MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDMC6D28
6.
5±
0.
2
7.25 Max.
4.4
1.3±0.3
0.01 Min.
3.0 Max.
3.
2±
0.
2
1.3±0.3
①
②
:Electrode
Description
• Metal compound molding type construction.
• Magnetically shielded.
• L
×W×H: 7.25×6.7×3.0 mm Max.
• Product weight:0.8 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+85℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 11.8”diameter reel
• 1000pcs per reel
Applications
• Ideally used in low voltage-high current laptop
PC & sever power supply.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
7.7
3.7
3.
4
①
②
Electrical Characteristics
3.7 (4.2)
4.3 (5.4)
46.4 (38.7)
4.7
±20%
4R7
CDMC6D28NP-4R7MC
4.9 (5.5)
5.0 (6.3)
30.6 (25.5)
3.3
±20%
3R3
CDMC6D28NP-3R3MC
6.0 (6.8)
6.0 (7.6)
19.3 (16.1)
2.2
±20%
2R2
CDMC6D28NP-2R2MC
7.6 (8.6)
7.3 (9.2)
12.5 (10.4)
1.5
±20%
1R5
CDMC6D28NP-1R5MC
9.5 (10.8)
8.8 (11.0)
8.8 (7.3)
1.0
±20%
1R0
CDMC6D28NP-1RØMC
12.1 (13.7)
11.3 (14.2)
5.4 (4.5)
0.68
±20%
R68
CDMC6D28NP-R68MC
14.0 (15.9)
13.6 (17.0)
4.2 (3.5)
0.47
±20%
R47
CDMC6D28NP-R47MC
16.1 (18.2)
15.4 (19.3)
3.2 (2.7)
0.30
±20%
R30
CDMC6D28NP-R3ØMC
17.4 (19.8)
21.7 (27.2)
2.5 (2.1)
0.20
±20%
R20
CDMC6D28NP-R2ØMC
Temperature
rise current
(A)
※3
Saturation Current
(A)
(at 20℃) ※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance (
μH)
[Within] ※1
Stamp
Part No.
※1. Measuring condition: at 1MHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 80% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDMC6D28NP-R20MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC6D28NP-R20MC SUMIDA-CDMC6D28NP-R20MC Datasheet
144Kb / 2P
POWER INDUCTORS
More results

Similar Description - CDMC6D28NP-R20MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com