Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM54 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM54
Description  DIGITAL-TO-ANALOG CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM54 Datasheet(HTML) 2 Page - Texas Instruments

  PCM54_13 Datasheet HTML 1Page - Texas Instruments PCM54_13 Datasheet HTML 2Page - Texas Instruments PCM54_13 Datasheet HTML 3Page - Texas Instruments PCM54_13 Datasheet HTML 4Page - Texas Instruments PCM54_13 Datasheet HTML 5Page - Texas Instruments PCM54_13 Datasheet HTML 6Page - Texas Instruments PCM54_13 Datasheet HTML 7Page - Texas Instruments PCM54_13 Datasheet HTML 8Page - Texas Instruments PCM54_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
®
PCM54/55
2
SPECIFICATIONS
ELECTRICAL
At +25
°C and ±V
CC = 12V, unless otherwise noted.
V Specifications same as for PCM54HP.
NOTES: (1) Externally adjustable. If external adjustment is not used, connect a 0.01
µF capacitor to Common to reduce noise pickup. (2) FSR means Full-Scale Range
and is 6V for
±3V output. (3) The measurement of total harmonic distortion is highly dependent on the characteristics of the measurement circuit. Burr-Brown may
calculate THD from the measured linearity errors using Equation 2 in the section on “Total Harmonic Distortion,” but specifies that the maximum THD measured with
the circuit shown in Figure 2 will be less than the limits indicated. (4) Measured with an active clamp to provide a low impedance for approximately 200ns. (5) Deglitcher
or sample/hold delay used in THD measurement test circuit. See Figures 2 and 3. (6) Output amplifier disconnected.
PCM54HP, PCM55HP
PCM54JP, PCM55JP
PCM54KP
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
Resolution
16
VV
Bits
Dynamic Range
96
VV
dB
Logic Levels (TTL/CMOS Compatible):
VIH
+2.4
+5.25
VV
V
V
V
VIL
0
+0.8
VV
V
V
V
IIH, VIN = +2.7V
+40
VV
µA
IIL, VIN = +0.4V
–0.5
VV
mA
TRANSFER CHARACTERISTICS
ACCURACY
Gain Error
±2
VV
%
Bipolar Zero Error
±30
VV
mV
Differential Linearity Error at Biploar Zero(1)
±0.001
VV
% FSR(2)
Noise (rms) (20Hz to 20kHz) at Bipolar Zero
12
VV
µV
TOTAL HARMONIC DISTORTION(3)
(16-Bit Resolution)
VO = ±FS at f = 991Hz
–94
–82
V
–88
VV
–92
dB
VO = –20dB at f = 991Hz
–74
–68
VV
V
–80
–74
dB
VO = –60dB at f = 991Hz
–34
–28
VV
V
–40
–34
dB
MONOTONICITY
15
VV
Bits
SETTLING TIME (to
±0.006% of FSR)
Voltage Output: 6V Step
3
VV
µs
1LSB Step
1
VV
µs
Current Output (1mA Step): 10
Ω to 100Ω Load
350
VV
ns
1k
Ω Load(4)
350
VV
ns
Deglitcher Delay (THD Test)(5)
2.5
4
VV
VV
µs
Slew Rate
10
VV
V/
µs
WARM-UP TIME
1
VV
Min
ANALOG OUTPUT
Voltage Output: Bipolar Range
±3
VV
V
Output Current
±2
VV
mA
Output Impedance
0.1
VV
Ω
Short-Circuit Duration
Indefinite to Common
VV
Current Output:(6)
Bipolar Range (
±30%)
±1
VV
mA
Bipolar Output Impedance (
±30%)
1.2
VV
k
Ω
POWER SUPPLY REQUIREMENTS
Voltage: +VCC (PCM54)
+4.75
+12
+15.75
VVV
V
VV
V
–VCC (PCM54)
–4.75
–12
–15.75
VVV
V
VV
V
+VCC (PCM55)
+4.75
+5
+7.5
VVV
V
VV
V
–VCC (PCM55)
–4.75
–5
–7.5
VVV
V
VV
V
Supply Drain: +VCC
+13
+20
VV
VV
mA
–VCC
–16
–25
VV
VV
mA
TEMPERATURE RANGE
Operating
0
+70
VV
V
V
°C
Storage
–55
+100
VV
V
V
°C
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com