Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM63P Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM63P
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM63P Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM63P Datasheet HTML 2Page - Texas Instruments PCM63P Datasheet HTML 3Page - Texas Instruments PCM63P Datasheet HTML 4Page - Texas Instruments PCM63P Datasheet HTML 5Page - Texas Instruments PCM63P Datasheet HTML 6Page - Texas Instruments PCM63P Datasheet HTML 7Page - Texas Instruments PCM63P Datasheet HTML 8Page - Texas Instruments PCM63P Datasheet HTML 9Page - Texas Instruments PCM63P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
PCM63P
FIGURE 1. Production THD+N Test Setup.
Colinear architecture of the PCM63P, with its ideal
performance around bipolar zero, provides a more usable
dynamic range, even using the strict audio definition, than
any previously available D/A converter.
Level Linearity
Deviation from ideal versus actual signal level is sometimes
called “level linearity” in digital audio converter testing. See
the “–90dB Signal Spectrum” plot in the Typical Perfor-
mance Curves section for the power spectrum of a PCM63P
at a –90dB output level. (The “–90dB Signal” plot shows the
actual –90dB output of the DAC). The deviation from ideal
for PCM63P at this signal level is typically less than
±0.3dB.
For the “–110dB Signal” plot in the Typical Performance
Curves section, true 20-bit digital code is used to generate a
–110dB output signal. This type of performance is possible
only with the low-noise, near-theoretical performance around
bipolar zero of the PCM63P’s Colinear DAC circuitry.
A commonly tested digital audio parameter is the amount of
deviation from ideal of a 1kHz signal when its amplitude is
decreased from –60dB to –120dB. A digitally dithered input
signal is applied to reach effective output levels of –120dB
using only the available 16-bit code from a special compact
disk test input. See the “16-Bit Level Linearity” plot in the
Typical Performance Curves section for the results of a
PCM63P tested using this 16-bit dithered fade-to-noise
signal. Note the very small deviation from ideal as the signal
goes from –60dB to –100dB.
DC SPECIFICATIONS
Idle Channel SNR
Another appropriate specification for a digital audio con-
verter is idle channel signal-to-noise ratio (idle channel
SNR). This is the ratio of the noise on the DAC output at
bipolar zero in relation to the full scale range of the DAC. To
make this measurement, the digital input is continuously fed
the code for bipolar zero while the output of the DAC is
band-limited from 20Hz to 20kHz and an A-weighted filter
is applied. The idle channel SNR for the PCM63P is typi-
cally greater than 120dB, making it ideal for low-noise
applications.
Monotonicity
Because of the unique dual-DAC Colinear architecture of
the PCM63P, increasing values of digital input will always
result in increasing values of DAC output as the signal
moves away from bipolar zero in one-LSB steps (in either
direction). The “16-Bit Monotonicity” plot in the Typical
Performance Curves section was generated using 16-bit
digital code from a test compact disk. The test starts with 10
periods of bipolar zero. Next are 10 periods of alternating
1LSBs above and below zero, and then 10 periods of
alternating 2LSBs above and below zero, and so on until
10LSBs above and below zero are reached. The signal
pattern then begins again at bipolar zero.
With PCM63P, the low-noise steps are clearly defined and
increase in near-perfect proportion. This performance is
achieved without any external adjustments. By contrast,
sigma-delta (“Bitstream”, “MASH”, or 1-bit DAC) architec-
tures are too noisy to even see the first 3 or 4 bits change (at
16 bits), other than by a change in the noise level.
Absolute Linearity
Even though absolute integral and differential linearity specs
are not given for the PCM63P, the extremely low THD+N
performance is typically indicative of 16-bit to 17-bit inte-
gral linearity in the DAC, depending on the grade specified.
The relationship between THD+N and linearity, however, is
not such that an absolute linearity specification for every
individual output code can be guaranteed.
Distortion
Analyzer
Use 400Hz High-Pass
Filter and 30kHz
Low-Pass Filter
Meter Settings
Programmable
Gain Amp
0dB to 60dB
Low-Pass
Filter
40kHz 3rd Order
GIC Type
DUT
(PCM63P)
Parallel-to-Serial
Conversion
Digital Code
(EPROM)
Binary
Counter
Timing
Logic
Clock
Latch Enable
Sampling Rate = 44.1kHz x 8 (352.8kHz)
Output Frequency = 991Hz
(Shiba Soku Model
725 or Equivalent)
I to V
Converter
OPA627



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com