Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1776E/883 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS1776E/883
Description  PI-Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1776E/883 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS1776E/883 Datasheet HTML 3Page - National Semiconductor (TI) DS1776E/883 Datasheet HTML 4Page - National Semiconductor (TI) DS1776E/883 Datasheet HTML 5Page - National Semiconductor (TI) DS1776E/883 Datasheet HTML 6Page - National Semiconductor (TI) DS1776E/883 Datasheet HTML 7Page - National Semiconductor (TI) DS1776E/883 Datasheet HTML 8Page - National Semiconductor (TI) DS1776E/883 Datasheet HTML 9Page - National Semiconductor (TI) DS1776E/883 Datasheet HTML 10Page - National Semiconductor (TI) DS1776E/883 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Switching Characteristics (Continued)
Input Pulse Characteristics
Amplitude
Low V
Rep. Rate
t
W
t
TLH
t
THL
A Side
3.0V
0.0V
1 MHz
500 ns
2 ns
2 ns
B Side
2.0V
1.0V
1 MHz
500 ns
2 ns
2 ns
Test Circuit for TRI-STATE Outputs on B Side
DS010875-12
DEFINITIONS
RL = Load resistor 500Ω
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
RU = Pull up resistor
Input Pulse Definition
DS010875-11
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com