Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2003 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS2003
Description  High Current/Voltage Darlington Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS2003 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS2003 Datasheet HTML 1Page - National Semiconductor (TI) DS2003 Datasheet HTML 2Page - National Semiconductor (TI) DS2003 Datasheet HTML 3Page - National Semiconductor (TI) DS2003 Datasheet HTML 4Page - National Semiconductor (TI) DS2003 Datasheet HTML 5Page - National Semiconductor (TI) DS2003 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS2003
High Current/Voltage Darlington Drivers
General Description
The DS2003 is comprised of seven high voltage, high cur-
rent NPN Darlington transistor pairs. All units feature com-
mon emitter, open collector outputs. To maximize their effec-
tiveness, these units contain suppression diodes for
inductive loads and appropriate emitter base resistors for
leakage.
The DS2003 has a series base resistor to each Darlington
pair, thus allowing operation directly with TTL or CMOS oper-
ating at supply voltages of 5.0V.
The DS2003 offers solutions to a great many interface
needs, including solenoids, relays, lamps, small motors, and
LEDs. Applications requiring sink currents beyond the capa-
bility of a single output may be accommodated by paralleling
the outputs.
Features
n
Seven high gain Darlington pairs
n
High output voltage (V
CE = 50V)
n
High output current (I
C = 350 mA)
n
TTL, PMOS, CMOS compatible
n
Suppression diodes for inductive loads
n
Extended temperature range
Connection Diagram
Order Numbers
N Package
Number
N16E
M Package
Number
M16A
DS2003TN
DS2003TM
DS2003CN
DS2003CM
16-Lead DIP
DS009647-1
Top View
January 2000
© 2000 National Semiconductor Corporation
DS009647
www.national.com


Similar Part No. - DS2003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS2003 NSC-DS2003 Datasheet
160Kb / 8P
High Current/Voltage Darlington Drivers
DS2003 NSC-DS2003 Datasheet
317Kb / 5P
HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
logo
Texas Instruments
DS2003 TI-DS2003 Datasheet
803Kb / 13P
The DS2003 comprises seven high voltage, high current NPN Darlington transistor pairs.
logo
National Semiconductor ...
DS2003C NSC-DS2003C Datasheet
160Kb / 8P
High Current/Voltage Darlington Drivers
DS2003CJ NSC-DS2003CJ Datasheet
160Kb / 8P
High Current/Voltage Darlington Drivers
More results

Similar Description - DS2003

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2003 ALLEGRO-2003 Datasheet
176Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
ULS-2801H ALLEGRO-ULS-2801H Datasheet
1Mb / 12P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
National Semiconductor ...
DS2004 NSC-DS2004 Datasheet
160Kb / 8P
High Current/Voltage Darlington Drivers
logo
Fairchild Semiconductor
UA9665 FAIRCHILD-UA9665 Datasheet
261Kb / 6P
High Current/VOLTAGE Darlington Drivers
logo
Texas Instruments
UDN2841 TI-UDN2841 Datasheet
266Kb / 4P
QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
National Semiconductor ...
DS2001 NSC-DS2001 Datasheet
317Kb / 5P
HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
High-Voltage,High-Current Darlington Arrays
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Texas Instruments
DS2003CMX TI-DS2003CMX Datasheet
802Kb / 13P
DS2003 High Current/Voltage Darlington Drivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com