Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS5030-901MR Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS5030-901MR
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS5030-901MR Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS5030-901MR Datasheet HTML 1Page - Coilcraft lnc. LPS5030-901MR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded Power Inductors–LPS5030 Series
Document 581-2
Typical L vs Current
Typical L vs Frequency
1
10
10000
1000
100
0.01
0.1
110
Frequency (MHz)
10 µH
3.3 µH
33 µH
1000 µH
3300 µH
330 µH
100 µH
1
10
10000
1000
100
0.01
0.1
110
Current (A)
10 µH
3.3 µH
33 µH
1000 µH
3300 µH
330 µH
100 µH
Document 581-2 Revised 09/02/15
Packaging 750/7
″ reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.32 mm thick, 8 mm pocket spacing, 3.1 mm pocket depth
NOTE NEW PART ORIENTATION Parts are rotated 90° in the
packaging tape compared to previous versions of this product.
NEW
OLD
123
123
123
Dimensions are in
inches
mm
0.189 ±0.003
4,80 ±0,076
Winding
direction
Dash
number
Internal
code
XXXX
0.189 ±0.003
4,80 ±0,076
*
*
0.114 ±0.004
2,9 ±0,1
0.060
1,50
0.039
1,00
typ
typ
0.039
1,00
0.217
5,51
0.134
3,40
0.134
3,40
0.134
3,40
0.060
1,52
0.217
5,51
0.0665
1,689
Recommended
Land Pattern
0.134
3,40
*
Dimensions are of the case not including
the termination. For maximum overall
dimensions including the termination, add
0.005 in/ 0,13 mm.
For optional tin-lead and tin-silver-copper
terminations, dimensions are for the
mounted part. Dimensions before mounting
can be an additional 0.005 inch/ 0,13 mm).
*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com