Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS5030-332MR Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS5030-332MR
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS5030-332MR Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS5030-332MR Datasheet HTML 1Page - Coilcraft lnc. LPS5030-332MR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors–LPS5030
Document 581-1
Document 581-1 Revised 09/02/15
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4
10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS5030-901MR_
0.90
0.040 250
3.8
4.0
4.1
2.10
2.80
LPS5030-122MR_
1.2
0.043 210
3.5
3.6
3.7
2.00
2.65
LPS5030-172MR_
1.7
0.051 190
3.0
3.2
3.3
1.90
2.50
LPS5030-222MR_
2.2
0.057 168
2.9
3.1
3.2
1.60
2.15
LPS5030-332MR_
3.3
0.066 125
2.3
2.5
2.6
1.40
1.80
LPS5030-472MR_
4.7
0.083
84
1.9
2.0
2.0
1.30
1.75
LPS5030-562MR_
5.6
0.089
70
1.8
1.8
1.9
1.25
1.65
LPS5030-682MR_
6.8
0.099
56
1.6
1.7
1.7
1.20
1.60
LPS5030-822MR_
8.2
0.125
45
1.6
1.7
1.7
1.10
1.55
LPS5030-103MR_
10.0
0.127
30
1.4
1.4
1.4
1.00
1.50
LPS5030-123MR_
12.0
0.155
24
1.3
1.4
1.4
0.95
1.40
LPS5030-153MR_
15.0
0.160
32
0.80
0.90
0.90
0.92
1.40
LPS5030-183MR_
18.0
0.170
27
0.80
0.82
0.87
0.90
1.30
LPS5030-223MR_
22.0
0.190
24
0.70
0.75
0.78
0.88
1.25
LPS5030-333MR_
33.0
0.260
19
0.60
0.63
0.64
0.85
1.20
LPS5030-473MR_
47.0
0.330
16
0.50
0.53
0.55
0.75
1.00
LPS5030-683MR_
68.0
0.440
12
0.40
0.43
0.44
0.65
0.900
LPS5030-823MR_
82.0
0.470
11
0.38
0.40
0.40
0.60
0.830
LPS5030-104MR_
100
0.600
10
0.27
0.31
0.32
0.55
0.750
LPS5030-124MR_
120
0.800
9
0.26
0.29
0.30
0.45
0.660
LPS5030-154MR_
150
0.860
7.5
0.22
0.25
0.263 0.42
0.570
LPS5030-224MR_
220
1.35
6.0
0.21
0.235 0.245 0.36
0.500
LPS5030-334MR_
330
1.80
5.0
0.155 0.155 0.200 0.32
0.420
LPS5030-474MR_
470
2.80
4.0
0.117 0.134 0.146 0.28
0.370
LPS5030-564MR_
560
3.20
3.6
0.110 0.130 0.140 0.23
0.320
LPS5030-684MR_
680
3.80
3.0
0.100 0.120 0.126 0.20
0.290
LPS5030-105MR_ 1000
5.10
2.5
0.100 0.110 0.110 0.18
0.250
LPS5030-155MR_ 1500
7.60
2.0
0.068 0.080 0.089 0.15
0.210
LPS5030-185MR_ 1800
10.0
1.8
0.069 0.081 0.086 0.13
0.170
LPS5030-225MR_ 2200
11.0
1.6
0.063 0.074 0.080 0.10
0.150
LPS5030-335MR_ 3300
19.5
1.3
0.056 0.063 0.067 0.090 0.125
LPS5030-475MR_ 4700
26.0
1.1
0.049 0.056 0.059 0.080 0.110
• Very low DCR; excellent current handling
• 4.9 × 4.9 mm footprint; less than 3 mm tall
Designer’s Kit C420 contains 3 each of all values
Core material Ferrite
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver.
Other terminations available at additional cost.
Weight 226 – 244 mg
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 750/7
″ reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.32 mm thick, 8 mm pocket spacing, 3.1 mm pocket depth
Recommended pick and place nozzle OD: 5 mm; ID:
≤ 2.5 mm
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
1. Please specify
termination and packaging codes:
LPS5030-105MRC
Termination: R= RoHS compliant matte tin over
nickel over silver.
Special order, added cost:
Q = RoHS tin-silver-copper (95.5/4/0.5)
or
P = non-RoHS tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape (750 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready.
To have a leader and trailer added
($25 charge), use code letter C
instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (2500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an
Agilent/HP 4192A impedance analyzer or equivalent.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current at 25°C that causes the specified induc-
tance drop from its value without current.
Click for temperature derating information.
6. Current that causes the specified temperature rise from
25°C ambient. This information is for reference only and
does not represent absolute maximum ratings.
Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.


Similar Part No. - LPS5030-332MR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS5030-332ML COILCRAFT-LPS5030-332ML Datasheet
210Kb / 2P
Shielded Power Inductors
LPS5030-332MLB COILCRAFT-LPS5030-332MLB Datasheet
163Kb / 2P
Shielded Power Inductors - LPS5030
LPS5030-332MLC COILCRAFT-LPS5030-332MLC Datasheet
163Kb / 2P
Shielded Power Inductors - LPS5030
LPS5030-332MLD COILCRAFT-LPS5030-332MLD Datasheet
163Kb / 2P
Shielded Power Inductors - LPS5030
More results

Similar Description - LPS5030-332MR

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com