Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6503MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6503MA/NOPB
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6503MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6503MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
2.5
3
3.5
4
4.5
5
5.5
±SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
6
-40°C
85°C
25°C
RL = OPEN
VG = VG_MAX
2.5
3
3.5
4
4.5
5
5.5
±SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
6
-40°C
85°C
25°C
RL = OPEN
VG = VG_MIN
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-20
-15
-10
-5
0
5
VG = 0V AVERAGE
PIN = 0dBm
AVMAX = 2V/V
S21 (dB) + 20 PLOTTED
SEE NOTE 11
-8
-7
-6
-5
-4
-3
-2
-1
0
1
f (10 MHz/DIV)
-120
-100
-80
-60
-40
-20
0
20
40
60
GAIN
PHASE
1.1V
0.5V
0V
-0.5V
AVMAX = 100
PIN = -22dBm
SEE NOTE 12
0
50M
100M
-8
-7
-6
-5
-4
-3
-2
-1
0
1
f (10 MHz/DIV)
-120
-100
-80
-60
-40
-20
0
20
40
60
GAIN
PHASE
1.1V
0.5V
0V
-0.5V
AVMAX = 100
PIN = -42dBm
SEE NOTE 12
0
50M
100M
f (25 MHz/DIV)
0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
-270
-225
-180
-135
-90
-45
45
90
135
180
2
3
225
270
GAIN
PHASE
VOUT = 5VPP
100
10
2
750
1k
2.4k
AVMAX
RF(k:)
SEE NOTE 12
100
10
2
LMH6503
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
www.ti.com
Typical Performance Charateristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VG_MAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output:
Frequency Response for Various VG (AVMAX = 100)
Large Signal Frequency Response
(Small Signal)
Figure 10.
Figure 11.
Frequency Response for Various VG (AVMAX = 100)
(Large Signal)
Gain Control Frequency Response
Figure 12.
Figure 13.
IS vs. VS
IS vs. VS
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com