Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6505MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6505MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 19Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 23Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 24Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LMH6505
www.ti.com
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
CIRCUIT LAYOUT CONSIDERATIONS & EVALUATION BOARDS
A good high frequency PCB layout including ground plane construction and power supply bypassing close to the
package is critical to achieving full performance. The amplifier is sensitive to stray capacitance to ground at the I-
input (pin 7) so it is best to keep the node trace area small. Shunt capacitance across the feedback resistor
should not be used to compensate for this effect. Capacitance to ground should be minimized by removing the
ground plane from under the body of RG. Parasitic or load capacitance directly on the output (pin 6) degrades
phase margin leading to frequency response peaking.
The LMH6505 is fully stable when driving a 100
Ω load. With reduced load (e.g. 1k.) there is a possibility of
instability at very high frequencies beyond 400 MHz especially with a capacitive load. When the LMH6505 is
connected to a light load as such, it is recommended to add a snubber network to the output (e.g. 100
Ω and 39
pF in series tied between the LMH6505 output and ground). CL can also be isolated from the output by placing a
small resistor in series with the output (pin 6).
Component parasitics also influence high frequency results. Therefore it is recommended to use metal film
resistors such as RN55D or leadless components such as surface mount devices. High profile sockets are not
recommended.
Texas Instruments suggests the following evaluation board as a guide for high frequency layout and as an aid in
device testing and characterization:
Device
Package
Evaluation Board
Part Number
LMH6505
SOIC
LMH730066
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com