Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOS6020 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MOS6020
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MOS6020 Datasheet(HTML) 2 Page - Coilcraft lnc.

  MOS6020 Datasheet HTML 1Page - Coilcraft lnc. MOS6020 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 287-2
Shielded Power Inductors – MOS6020
Typical L vs Frequency
Typical L vs Current
Document 287-2 Revised 09/02/15
0.1
1
10
100
10000
1000
0.01
0.1
10
1
Frequency (MHz)
2.2 µH
10 µH
470 µH
100 µH
0.1
10000
1000
0.1
1
10
Current (A)
1
10
100
2.2 µH
10 µH
470 µH
100 µH
0.095
2,4
0.24
6,0
0.24
6,0
max
max
0.268
6,8
max
max
0.169
4,3
0.031
0,80
0.063
1,60
typ
typ
typ
0.100
2,54
0.055
1,39
0.225
5,71
Recommended
Land Pattern
Dimensions are in
inches
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com