Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPAD5 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # DPAD5
Description  MONOLITHIC DUAL PICO AMPERE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

DPAD5 Datasheet(HTML) 1 Page - Linear Integrated Systems

  DPAD5 Datasheet HTML 1Page - Linear Integrated Systems DPAD5 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Direct Replacement For SILICONIX DPAD SERIES
HIGH ON ISOLATION
20fA
EXCELLENT CAPACITANCE MATCHING
∆CR ≤ 0.2pF
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +150 °C
Operating Junction Temperature
-55 to +135 °C
Maximum Power Dissipation
Continuous Power Dissipation (DPAD)
500mW
Maximum Currents
Forward Current (DPAD)
50mA
COMMON ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
DPAD1
-45
DPAD2,5,10,20,50,100
-45
BVR
Reverse Breakdown
Voltage
SSTDPAD5,50,100
-30
IR = -1µA
VF
Forward Voltage
0.8
1.5
V
IF = 1mA
DPAD1
0.2
|CR1-CR2|
Differential Capacitance
(∆CR)
ALL OTHERS
0.5
VR1 = VR2 = -5V, f = 1MHz
DPAD1
0.8
DPAD2,5,10,20,50,100
2.0
Crss
Total Reverse Capacitance
SSTDPAD5,50,100
4.0
pF
VR = -5V, f = 1MHz
SPECIFIC ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
DPAD
2
SSTDPAD
2
UNITS
CONDITIONS
(SST)DPAD1
-1
(SST)DPAD2
-2
(SST)DPAD5
-5
-5
(SST)DPAD10
-10
(SST)DPAD20
-20
(SST)DPAD50
-50
-50
IR
Maximum Reverse
Leakage Current
2
(SST)DPAD100
-100
-100
pA
VR = -20V
SSTDPAD
1
2
3
4
8
7
6
5
SOIC
K1
K1
A1
NC
K2
K2
A2
NC
DPAD1
A1
K1
K2
A2
5
BOTTOM VIEW
TO-78
1
3
4
7
C
DPAD
A1
K1
A2
K2
3
17
5
BOTTOM VIEW
TO-72
Linear Integrated Systems
DPAD SERIES
MONOLITHIC DUAL
PICO AMPERE DIODES
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - DPAD5

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
DPAD5 CALOGIC-DPAD5 Datasheet
32Kb / 2P
Dual Pico Amp Diodes
logo
Micross Components
DPAD5 MICROSS-DPAD5 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
logo
Calogic, LLC
DPAD50 CALOGIC-DPAD50 Datasheet
32Kb / 2P
Dual Pico Amp Diodes
logo
New Jersey Semi-Conduct...
DPAD50 NJSEMI-DPAD50 Datasheet
80Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
Micross Components
DPAD50 MICROSS-DPAD50 Datasheet
844Kb / 1P
a low leakage Monolithic Dual Pico-Amp Diode
More results

Similar Description - DPAD5

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
DPAD1 CALOGIC-DPAD1 Datasheet
32Kb / 2P
Dual Pico Amp Diodes
logo
Linear Integrated Syste...
ID100 LINEAR-ID100 Datasheet
181Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
JPAD LINEAR-JPAD Datasheet
209Kb / 2P
PICO AMPERE DIODES
logo
Leshan Radio Company
LMBD2837LT1 LRC-LMBD2837LT1 Datasheet
114Kb / 3P
Monolithic Dual Switching Diodes
logo
ON Semiconductor
MMBD2837LT1G ONSEMI-MMBD2837LT1G_09 Datasheet
127Kb / 4P
Monolithic Dual Switching Diodes
August, 2009 ??Rev. 6
logo
Micross Components
SSTDPAD100_SOIC MICROSS-SSTDPAD100_SOIC Datasheet
279Kb / 1P
low leakage Monolithic Dual Pico-Amp Diode
logo
New Jersey Semi-Conduct...
PAD1 NJSEMI-PAD1 Datasheet
99Kb / 2P
PICO AMPERE DIODES
DPAD NJSEMI-DPAD Datasheet
80Kb / 2P
MONOLITHIC DUAL PICO AMPERE DIODES
logo
Calogic, LLC
DPAD1 CALOGIC-DPAD1_15 Datasheet
38Kb / 2P
Dual Pico Amp Diodes
logo
New Jersey Semi-Conduct...
PAD NJSEMI-PAD Datasheet
154Kb / 2P
PICO AMPERE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com