Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST110 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # SST110
Description  LOW NOISE SINGLE N-CHANNEL JFET SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SST110 Datasheet(HTML) 2 Page - Linear Integrated Systems

  SST110 Datasheet HTML 1Page - Linear Integrated Systems SST110 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SWITCHING CHARACTERISTICS
SYM.
CHARACTERISTIC
TYP UNIT
CONDITIONS
td(on)
3
tr
Turn On Time
1
td(off)
4
tf
Turn Off Time
18
ns
VDD = 1.5V
VGS(H) = 0V
51
Ω
1k
Ω
51
Ω
SWITCHING TEST CIRCUIT
R
L
V
DD
V
GS(H)
V
GS(L)
OUT
SWITCHING CIRCUIT CHARACTERISTICS
SYM.
J/SST108
J/SST109
J/SST110
VGS(L)
-12V
-7V
-5V
RL
150Ω
150Ω
150Ω
ID(on)
10mA
10mA
10mA
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
n or
1
2
3
SOT-23
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55
12
3
LS XXX
YYWW
0.170
0.195
0.500
0.610
0.016
0.022
0.095
0.105
0.045
0.055
0.175
0.195
0.130
0.155
0.045
0.060
0.014
0.020
TO-92
DIMENSIONS
IN INCHES.
NOTES
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulse test: PW ≤ 300µs, Duty Cycle ≤ 3%
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com