Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS313 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS313
Description  MONOLITHIC DUAL NPN TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS313 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS313 Datasheet HTML 1Page - Linear Integrated Systems LS313 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems 4042 Clipper Court, Fremont, CA 94538 • TEL: (510) 490-9160 • FAX: (510) 353-0261
ELECTRICAL CHARACTERISTICS @ 25
°C (unless otherwise noted)
SYMBOL
CHARACTERISTICS
LS310 LS311 LS312 LS313 MIN. UNITS CONDITIONS
|V
BE1
-V
BE2
|
Base Emitter Voltage Differential
1
0.4
0.2
0.4
TYP.
mV
I
C
= 10
µAV
CE
= 5V
3
1
0.5
1
MAX
mV.
∆|(V
BE1
-V
BE2
)|/
°C Base Emitter Voltage Differential
2
1
0.5
1
TYP.
µV/°CI
C
= 10
µAV
CE
= 5V
Change with Temperature
15
5
2
5
MAX.
T
A
= -55
°C to +125°C
|I
B1
- I
B2
|
Base Current Differential
1.25
TYP.
nA
I
C
= 10
µAV
CE
= 5V
10
5
5
MAX. nA
|
∆(I
B1
-I
B2
)|/
°C
Base Current Differential
0.5
0.3
0.5
MAX. nA/
°CI
C
= 10
µAV
CE
= 5V
Change With Temperature
T
A
= -55
°C to +125°C
h
FE1
/h
FE2
Current Gain Differential
10
5
5
5
TYP.
%
I
C
= 10
µAV
CE
= 5V
TO-71
Six Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
6 LEADS
3
2
1
8
4
5
6
0.046
0.036
45°
0.048
0.028
0.100
0.050
7
TO-78
0.335
0.370
0.305
0.335
0.016
0.019
0.165
0.185
0.040
MAX.
DIM. A
0.016
0.021
DIM. B
MIN. 0.500
0.200
0.100
0.100
0.028
0.034
45°
1
2 3 4
5
6
7
8
0.029
0.045
SEATING
PLANE
C1 1
2
3
45
6
7
8
B1
E1
N/C
N/C
C2
B2
E2
P-DIP
C1 1
2
3
45
6
7
8
B1
E1
N/C
N/C
C2
B2
E2
0.150
0.158
(3.81)
(4.01)
0.188
0.197
0.228
0.244
(5.79)
(6.20)
SOIC
N/C
0.320
0.290
(8.13)
(7.37)
0.405
MAX.
(10.29)
(4.78)
(5.00)
NOTES:
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
2. The reverse base-to-emitter voltage must never exceed 6.2 volts; the reverse base-to-emitter current must never exceed 10
µA.
3. For LS310: V
CB
= 20V; for LS311, LS312 & LS313: V
CB
= 30V.
4. For LS310, LS311 & LS313: V
CC
=
±45V; for LS312: V
CC
=
±100V.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com