Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK02002 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMK02002
Description  Precision Clock Conditioner
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK02002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK02002 Datasheet HTML 4Page - Texas Instruments LMK02002 Datasheet HTML 5Page - Texas Instruments LMK02002 Datasheet HTML 6Page - Texas Instruments LMK02002 Datasheet HTML 7Page - Texas Instruments LMK02002 Datasheet HTML 8Page - Texas Instruments LMK02002 Datasheet HTML 9Page - Texas Instruments LMK02002 Datasheet HTML 10Page - Texas Instruments LMK02002 Datasheet HTML 11Page - Texas Instruments LMK02002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Distribution
Path
SYNC*
CLKout0
CLKout1
CLKout2
LMK02002
SNAS418 – AUGUST 2007
www.ti.com
CLKout DELAYS
Each individual clock output includes a delay adjustment. Clock output delay registers (CLKoutX_DLY) support a
150 ps step size and range from 0 to 2250 ps of total delay.
LVPECL OUTPUTS
Each LVPECL output may be disabled individually by programming the CLKoutX_EN bits. All the outputs may be
disabled simultaneously by pulling the GOE pin low or programming EN_CLKout_Global to 0.
GLOBAL CLOCK OUTPUT SYNCHRONIZATION
The SYNC* pin synchronizes the clock outputs. When the SYNC* pin is held in a logic low state, the divided
outputs are also held in a logic low state. When the SYNC* pin goes high, the divided clock outputs are activated
and will transition to a high state simultaneously. Clocks in the bypassed state are not affected by SYNC* and
are always synchronized with the divided outputs.
The SYNC* pin must be held low for greater than one clock cycle of the Frequency Input port, also known as the
distribution path. Once this low event has been registered, the outputs will not reflect the low state for four more
cycles. Similarly once the SYNC* pin becomes high, the outputs will not simultaneously transition high until four
more distribution path clock cycles have passed. See the timing diagram below for further detail. In the timing
diagram below the clocks are programmed as CLKout0_MUX = Bypassed, CLKout1_MUX = Divided,
CLKout1_DIV = 2, CLKout2_MUX = Divided, and CLKout2_DIV = 4.
SYNC* Timing Diagram
The SYNC* pin provides an internal pull-up resistor as shown on the functional block diagram. If the SYNC* pin
is not terminated externally the clock outputs will operate normally. If the SYNC* function is not used, clock
output synchronization is not specified.
CLKout OUTPUT STATES
Each clock output may be individually enabled with the CLKoutX_EN bits. Each individual output enable control
bit is gated with the Global Output Enable input pin (GOE) and the Global Output Enable bit
(EN_CLKout_Global).
All clock outputs can be disabled simultaneously if the GOE pin is pulled low by an external signal or
EN_CLKout_Global is set to 0.
CLKoutX
EN_CLKout
GOE pin
Clock X Output State
_EN bit
_Global bit
1
1
Low
Low
Don't care
0
Don't care
Off
0
Don't care
Don't care
Off
1
1
High / No Connect
Enabled
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMK02002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com