Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS627 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS627
Description  PHOTO FET LIGHT SENSITIVE JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS627 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS627 Datasheet HTML 1Page - Linear Integrated Systems LS627 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DIRECT REPLACEMENT FOR CRYSTALONICS FF627
FLAT GLASS TOP FOR EXTERNAL OPTICS
ULTRA HIGH SENSITIVITY
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +200 °C
Operating Junction Temperature
-55 to +165 °C
Maximum Power Dissipation
Continuous Power Dissipation
400mW
Maximum Currents
Gate Current
50mA
Maximum Voltages
Drain to Source
15V
Drain to Gate
15V
Gate to Source
-10V
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
VGS(off)
Gate to Source Cutoff Voltage (VPO)
1.0
5.0
V
VDS = 10V, ID = 0.1µA
SG
Gate Sensitivity
2
6.4
24
µA/mW/cm
2
VDS = 10V, VGS = 0V, λ = 0.9µm
SD
Drain Sensitivity
3
500
mA/mW/cm
2
VDS = 10V, VGS = 0V, RG = 1MΩ
λIg
Gate Current (Light)
4
10
37.5
nA/FC
VDS = 10V, VGS = 0V
λId
Drain Current (Light)
4
800
µA/FC
VDS = 10V, VGS = 0V, RG = 1MΩ
IDSS
Drain Saturation Current
8.0
mA
VDS = 10V, VGS = 0V
IGSS
Gate Leakage Current (Dark)
30
pA
VGS = -10V, VDS = 0V
gfs
Forward Transconductance (gm)
8000
µS
VDS = 10V, VGS = 0V, f = 1kHz
RDS(on)
Drain to Source On Resistance
100
Ω
VDS = 0.1V, VGS = 0V
CGS
Gate to Source Capacitance
35
VGS = -10V, f = 140kHz
CGD
Gate to Drain Capacitance
20
pF
VGD = -10V, f = 140kHz
tr
Rise Time
5
30
tf
Fall Time
6
50
ns
VDS = 10V, RL = RG = 100Ω
D
S
G
2
1
3
BOTTOM VIEW
TO-72
4
C
Linear Integrated Systems
LS627
PHOTO FET
LIGHT SENSITIVE JFET
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - LS627

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS6 CITIZEN-LS6 Datasheet
490Kb / 1P
Illuminated Type
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
logo
Teledyne Technologies I...
LS60 TELEDYNE-LS60 Datasheet
460Kb / 6P
30A to 600 Vac SIP Package DC Control
logo
Texas Instruments
LS600 TI-LS600 Datasheet
151Kb / 9P
N.P.N PLANAR SILICON PHOTOTRANSISTORS
LS602 TI-LS602 Datasheet
151Kb / 9P
N.P.N PLANAR SILICON PHOTOTRANSISTORS
More results

Similar Description - LS627

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F1 FAIRCHILD-H11F1 Datasheet
403Kb / 9P
PHOTO FET OPTOCOUPLERS
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
PHOTO FET OPTOCOUPLERS
H11F1M FAIRCHILD-H11F1M Datasheet
245Kb / 10P
Photo FET Optocouplers
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
PHOTO FET OPTOCOUPLERS
logo
Panasonic Semiconductor
AMS302T PANASONIC-AMS302T Datasheet
215Kb / 6P
Photo IC type high sensitive light sensor
logo
Marktech Corporate
MTRS6660D MARKTECH-MTRS6660D Datasheet
633Kb / 3P
Visible Light Photo Reflector
logo
Fairchild Semiconductor
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
Photo FET Optocouplers
logo
Marktech Corporate
MTRS9520D MARKTECH-MTRS9520D_15 Datasheet
605Kb / 3P
Infrared Light Photo Reflector
MTRS4720D MARKTECH-MTRS4720D_15 Datasheet
572Kb / 3P
Visible Light Photo Reflector
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
Photo FET Optocouplers
September, 2022 - Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com