Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2012QML-SP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2012QML-SP
Description  Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2012QML-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP2012QML-SP Datasheet HTML 4Page - Texas Instruments LMP2012QML-SP Datasheet HTML 5Page - Texas Instruments LMP2012QML-SP Datasheet HTML 6Page - Texas Instruments LMP2012QML-SP Datasheet HTML 7Page - Texas Instruments LMP2012QML-SP Datasheet HTML 8Page - Texas Instruments LMP2012QML-SP Datasheet HTML 9Page - Texas Instruments LMP2012QML-SP Datasheet HTML 10Page - Texas Instruments LMP2012QML-SP Datasheet HTML 11Page - Texas Instruments LMP2012QML-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
0.1
100
100k
10
100
1000
10000
1k
10
1M
FREQUENCY (Hz)
10k
1
VS = 5V
LMP2012QML
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
www.ti.com
HOW THE LMP2012 WORKS
The LMP2012 uses new, patented techniques to achieve the high DC accuracy traditionally associated with
chopper-stabilized amplifiers without the major drawbacks produced by chopping. The LMP2012 continuously
monitors the input offset and corrects this error. The conventional chopping process produces many mixing
products, both sums and differences, between the chopping frequency and the incoming signal frequency. This
mixing causes large amounts of distortion, particularly when the signal frequency approaches the chopping
frequency. Even without an incoming signal, the chopper harmonics mix with each other to produce even more
trash. If this sounds unlikely or difficult to understand, look at the plot in Figure 3, of the output of a typical
(MAX432) chopper-stabilized op amp. This is the output when there is no incoming signal, just the amplifier in a
gain of -10 with the input grounded. The chopper is operating at about 150 Hz; the rest is mixing products. Add
an input signal and the noise gets much worse. Compare this plot with Figure 4 of the LMP2012. This data was
taken under the exact same conditions. The auto-zero action is visible at about 30 kHz but note the absence of
mixing products at other frequencies. As a result, the LMP2012 has very low distortion of 0.02% and very low
mixing products.
Figure 3.
Figure 4.
INPUT CURRENTS
The LMP2012's input currents are different than standard bipolar or CMOS input currents in that it appears as a
current flowing in one input and out the other. Under most operating conditions, these currents are in the
picoamp level and will have little or no effect in most circuits. These currents tend to increase slightly when the
common-mode voltage is near the minus supply. At high temperatures, the input currents become larger, 0.5 nA
typical, and are both positive except when the VCM is near V
−. If operation is expected at low common-mode
voltages and high temperature, do not add resistance in series with the inputs to balance the impedances. Doing
this can cause an increase in offset voltage. A small resistance such as 1 k
Ω can provide some protection
against very large transients or overloads, and will not increase the offset significantly.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP2012QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com