Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J511 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # J511
Description  CURRENT REGULATING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J511 Datasheet(HTML) 1 Page - Linear Integrated Systems

  J511 Datasheet HTML 1Page - Linear Integrated Systems J511 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
SECOND SOURCE FOR SILICONIX J500 SERIES
WIDE CURRENT RANGE
0.192 to 5.6mA
BIASING NOT REQUIRED
VGS = 0V
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to 150°C
Junction Operating Temperature
-55 to 135°C
Maximum Power Dissipation
Continuous Power Dissipation @125°C
360mW
Maximum Currents
Forward Current
20mA
Reverse Current
50mA
Maximum Voltages
Peak Operating Voltage
POV = 50V
COMMON ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
POV
Peak Operating Voltage
2
50
V
IF = 1.1IF(max)
VR
Reverse Voltage
0.8
V
IR = 1mA
CF
Forward Capacitance
2.2
pF
VF = 25V, f = 1MHz
SPECIFIC ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
Forward Current
3
IF
Dynamic Impedance
4
Zd
Knee
Impedance
Zk
Limiting Voltage
5
VL
VF = 25V
VF = 25V
VF = 6V
IF = 0.8IF(min)
PART
MIN
NOM
MAX
MIN
TYP
TYP
TYP
MAX
J500
0.192
0.24
0.288
4.00
15
2.50
1.2
0.4
J501
0.264
0.33
0.396
2.20
10
1.60
1.3
0.5
J502
0.344
0.43
0.516
1.50
7
1.10
1.5
0.6
J503
0.448
0.56
0.672
1.20
5
0.80
1.7
0.7
J504
0.600
0.75
0.900
0.80
3.5
0.55
1.9
0.8
J505
0.800
1.00
1.200
0.50
2.
0.40
2.1
0.9
J506
1.120
1.40
1.680
0.33
1.5
0.25
2.5
1.1
J507
1.440
1.80
2.160
0.20
1
0.19
2.8
1.3
J508
1.900
2.40
2.900
0.20
0.7
0.13
3.1
1.5
J509
2.400
3.00
3.600
0.15
0.5
0.09
3.5
1.7
J510
2.900
3.60
4.300
0.15
0.4
0.07
3.9
1.9
J511
3.800
4.70
5.600
0.12
0.3
0.05
4.2
2.1
A
K
A
K
TO-92
BOTTOM VIEW
12
AK
Linear Integrated Systems
J500 SERIES
CURRENT REGULATING
DIODES
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - J511

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J511 VISHAY-J511 Datasheet
31Kb / 4P
Current Regulator Diodes
02-Jul-01
J511 VISHAY-J511 Datasheet
44Kb / 5P
Current Regulator Diodes
02-Jul-01
logo
New Jersey Semi-Conduct...
J511 NJSEMI-J511 Datasheet
632Kb / 2P
Current Regulator Diodes
logo
Micross Components
J511 MICROSS-J511 Datasheet
533Kb / 1P
Linear Systems replaces discontinued Siliconix J511
logo
Calogic, LLC
J511 CALOGIC-J511 Datasheet
208Kb / 2P
Current Regulator Diode
More results

Similar Description - J511

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SST502 LINEAR-SST502 Datasheet
216Kb / 2P
CURRENT REGULATING DIODES
logo
Vishay Siliconix
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
Surface Mount Power Voltage-Regulating Diodes
20-Sep-07
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
20-Oct-08
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
20-Oct-08
logo
Formosa MS
FCRD3005P8 FORMOSA-FCRD3005P8 Datasheet
357Kb / 3P
Current Regulating Di ode
logo
Vishay Siliconix
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
25-May-12
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
Surface Mount Power Voltage-Regulating Diodes
12-Mar-2019
Z4KE100A VISHAY-Z4KE100A Datasheet
87Kb / 5P
Glass Passivated Power Voltage-Regulating Diodes
30-Jan-13
Z4KE100A VISHAY-Z4KE100A_V01 Datasheet
93Kb / 4P
Glass Passivated Power Voltage-Regulating Diodes
30-Mar-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com