Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7707MF/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7707MF/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7707MF/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMP7707MF/NOPB Datasheet HTML 24Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 25Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 26Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 27Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 28Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 29Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 30Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 31Page - Texas Instruments LMP7707MF/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
TIME (1 Ps/DIV)
0.8
0.4
0.0
-0.4
-0.8
LMP7701
LMP7707 compensated
TIME (1 Ps/DIV)
0
0
0
uncompensated
compensated
overcompensated
LMP7707, LMP7708, LMP7709
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
www.ti.com
Figure 60 shows the results of the compensation of the LMP7707.
Figure 60. Bench Results for Lead- Lag Compensation
The top waveform shows the output response of a uncompensated LMP7707 using no external compensation
components. This trace shows ringing and is unstable (as expected). The middle waveform is the response of a
compensated LMP7707 using the compensation components calculated with the described procedure. The
response is reasonably well behaved. The bottom waveform shows the response of an overcompensated
LMP7707.
Finally, Figure 61 compares the step response of the compensated LMP7707 to that of the unity gain stable
LMP7701. The increase in dynamic performance is clear.
Figure 61. Bench Results for Comparison of LMP7701 and LMP7707
The application of input lead-lag compensation to a decompensated op amp enables the realization of circuit
gains of less than the minimum specified by the manufacturer. This is accomplished while retaining the
advantageous speed versus power characteristic of decompensated op amps.
28
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com