Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91050 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91050
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91050 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP91050 Datasheet HTML 9Page - Texas Instruments LMP91050 Datasheet HTML 10Page - Texas Instruments LMP91050 Datasheet HTML 11Page - Texas Instruments LMP91050 Datasheet HTML 12Page - Texas Instruments LMP91050 Datasheet HTML 13Page - Texas Instruments LMP91050 Datasheet HTML 14Page - Texas Instruments LMP91050 Datasheet HTML 15Page - Texas Instruments LMP91050 Datasheet HTML 16Page - Texas Instruments LMP91050 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
10 µF
160 k
160 k
6.8 nF
CMOUT
A0
A1
LMP91050
www.ti.com
SNAS517E – NOVEMBER 2011 – REVISED SEPTEMBER 2015
Feature Description (continued)
Table 1. Gain Modes (continued)
BIT SYMBOL
GAIN
00: 4 (default)
01: 8
GAIN2 [1:0]
10: 16
11: 32
8.3.2 External Filter
The LMP91050 offers two different measurement modes selectable through EXT_FILT bit. EXT_FILT bit is
present in the Device configuration register and is programmable through SPI.
Table 2. Measurement Modes
BIT SYMBOL
MEASUREMENT MODE
EXT_FILT
0: The signal from the thermopile is being processed by the internal PGAs, without
additional external decoupling or filtering (default).
1: The signal from the thermopile is being processed by the first internal PGA and fed to the A0
pin. An external low pass, high pass or band pass filter can be connected through pins A0, A1.
An external filter can be applied when EXT_FILT = 1. A typical band pass filter is shown in the picture below.
Resistor and capacitor can be connected to the CMOUT pin of the LMP91050 as shown. Discrete component
values have been added for reference.
Figure 21. Typical Bandpass Filter
8.3.3 Offset Adjust
Procedure of the offset adjust is to first measure the dark signal, program the DAC to adjust, and then measure
in a second cycle the residual of the dark signal for further signal manipulation within the µC. The signal source
is expected to have an offset component (dark signal) larger than the actual signal. During the dark phase, the
time when no light is detected by the sensor, the µC can program LMP91050 internal DAC to compensate for a
measured offset. A low output offset voltage temperature drift (TCVOS) ensures system accuracy over
temperature. See Figure 22 below which plots the maximum TCVOS allowed over a given temperature drift in
order to achieve n bit system accuracy.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP91050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com