Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8601QMA/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601QMA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601QMA/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LMP8601QMA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 31Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 32Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 33Page - Texas Instruments LMP8601QMA/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
4 mA to 20 mA
CURRENT LOOP
RSENSE
C1
VS
+IN
-IN
+
-
Preamplifier
Output Buffer
Gain = K2
A1
A2
Gain = 10
OFFSET
Internal
Resistor
100 k:
OUT
Level
shift
1
5
3
4
7
8
RSENSE
+IN
-IN
ICharge
LOAD
Charger
ILoad
ICharge - ILoad
A/D
Charge
Controler
12V
VS
+
-
Preamplifier
Output Buffer
Gain = K2
A1
A2
Gain = 10
OFFSET
Internal
Resistor
100 k:
C1
OUT
Level
shift
1
5
3
4
7
8
30
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.4 Advanced Battery Charger Application
Figure 63 can be used to realize an advanced battery charger that has the capability to monitor the exact net
current that flows in and out the battery as show in Figure 64. The output signal of the LMP860x and LMP860x-
Q1 is digitized with the ADC and used as an input for the charge controller. The Charge controller can be used to
regulate the charger circuit to deliver exactly the current that is required by the load, avoiding overcharging a fully
loaded battery.
NOTE: K2 = 2 for LMP8601, LMP8601-Q1; 5 for LMP8602, LMP8602-Q1; or 10 for LMP8603, LMP8603-Q1.
Figure 64. Advanced Battery Charger Application
8.2.5 Current Loop Receiver Application
Many industrial applications use 4-mA to 20-mA transmitters to send an analog value of a sensor to a central
control room. The LMP860x and LMP860x-Q1 can be used as a current loop receiver as shown in Figure 65.
NOTE: K2 = 2 for LMP8601, LMP8601-Q1; 5 for LMP8602, LMP8602-Q1; or 10 for LMP8603, LMP8603-Q1.
Figure 65. Current-Loop Receiver Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com