Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS424 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS424
Description  LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS424 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS424 Datasheet HTML 1Page - Linear Integrated Systems LS424 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LS421, LS422, LS423,
LS424, LS425, LS426
LOW LEAKAGE LOW DRIFT
MONOLITHIC DUAL N-CHANNEL JFET
Linear Integrated Systems
22 X 20 MILS
G1
S2
S1
G2
D2
D1
4
3
5
2
6
1
7
C
G1
S2
D1
D2
S1
G2
TO-78
BOTTOM VIEW
Linear Integrated Systems
4042 Clipper Ct., Fremont, CA 94538 TEL: (510) 490-9160 • FAX: (510) 353-0261
FEATURES
HIGH INPUT IMPEDANCE
I
G
=0.25pA MAX
HIGH GAIN
gfs=120
µmho MIN
LOW POWER OPERATION
V
GS(off)
=2V MAX
ABSOLUTE MAXIMUM RATINGS NOTE 1
@ 25
°C (unless otherwise noted)
Maximum Temperatures
Storage Temperature
-65
° to +150°C
Operating Junction Temperature
+150
°C
Maximum Voltage and Current for Each Transistor NOTE 1
-V
GSS
Gate Voltage to Drain or Source
40V
-V
DSO
Drain to Source Voltage
40V
-I
G(f)
Gate Forward Current
10mA
Maximum Power Dissipation
Device Dissipation @ Free Air - Total
400mW @ +125
°C
SYMBOL
CHARACTERISTICS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
BV
GSS
Breakdown Voltage
40
60
--
V
V
DS
= 0
I
G
= 1nA
BV
GGO
Gate-to-Gate Breakdown
40
--
--
V
I
G
= 1
µAI
D
= 0
I
S
= 0
TRANSCONDUCTANCE
Y
fss
Full Conduction
300
--
1500
µmho V
DS
= 10V
V
GS
= 0
f= 1kHz
Y
fs
Typical Operation
120
200
350
µmho V
DG
= 10V
I
D
= 30
µA
f= 1kHz
DRAIN CURRENT
60
--
1000
µA
LS421-3
V
DS
= 10V
V
GS
= 0
I
DSS
Full Conduction
60
--
1800
µA
LS424-6
ELECTRICAL CHARACTERISTICS @ 25
°C (unless otherwise noted)
SYMBOL
CHARACTERISTICS LS421 LS422 LS423 LS424 LS425 LS426 UNITS MAX CONDITIONS
|
∆V
GS1-2
/
∆T| max. Drift vs. Temperature
10
25
40
10
25
40
µV/°CV
DG
= 10V
I
D
= 30
µA
T
A
=-55
°C to +125°C
|V
GS1-2
| max.
Offset Voltage
10
15
25
10
15
25
mV
V
DG
=10V
I
D
= 30
µA
GATE VOLTAGE
V
GS(off)
Pinchoff Voltage
2.0
2.0
2.0
3.0
3.0
3.0
V
V
DS
=10V
I
D
= 1nA
V
GS
Operating Range
1.8
1.8
1.8
2.9
2.9
2.9
V
V
DG
=10V
I
D
= 30
µA
I
G
max.
Operating
.25
.25
.25
.500
.500
.500
pA
V
DG
=10V
I
D
= 30
µA
-I
G
max.
High Temperature
250
250
250
500
500
500
pA
T
A
= +125
°C
-I
GSS
max.
At Full Conduction
1.0
1.0
1.0
3.0
3.0
3.0
pA
V
DS
= 0V
V
GS
= 20V
-I
GSS
max.
High Temperature
1.0
1.0
1.0
3.0
3.0
3.0
nA
T
A
= +125
°C


Similar Part No. - LS424

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
LS42 RAYTHEON-LS42 Datasheet
191Kb / 3P
4-LINE To 10-Line Decoders
LS42 RAYTHEON-LS42 Datasheet
201Kb / 3P
4-Line To 10-Line Decoders(1-of-10)
logo
List of Unclassifed Man...
LS421DE ETC2-LS421DE Datasheet
3Mb / 2P
LinkStation LS421DE NAS
More results

Similar Description - LS424

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS830-3 LINEAR-LS830-3 Datasheet
30Kb / 2P
ULTRA LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
LS5905-9 LINEAR-LS5905-9 Datasheet
30Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
logo
Linear Integrated Syste...
LS830 LINEAR-LS830_14 Datasheet
257Kb / 2P
ULTRA LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS5905 LINEAR-LS5905_14 Datasheet
280Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U421 LINEAR-U421 Datasheet
180Kb / 2P
LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com