Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS844 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS844
Description  ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS844 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS844 Datasheet HTML 1Page - Linear Integrated Systems LS844 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems 4042 Clipper Court, Fremont, CA 94538 • TEL: (510) 490-9160 • FAX: (510) 353-0261
SYMBOL
CHARACTERISTICS
MIN.
TYP.
MAX. UNITS
CONDITIONS
OUTPUT CONDUCTANCE
Y
OSS
Full Conduction
--
--
20
µmho
V
DG
= 15V
V
GS
= 0
Y
OS
Operating
--
0.2
2
µmho
V
DG
= 15V
I
D
= 500
µA
|Y
OS1-2
|
Differential
--
0.02
0.2
µmho
COMMON MODE REJECTION
CMR
-20 log |
∆V
GS1-2
/
∆V
DS
|
90
110
--
dB
∆V
DS
= 10 to 20V
I
D
= 500
µA
CMR
--
85
--
dB
∆V
DS
= 5 to 10V
I
D
= 500
µA
NOISE
NF
Figure
--
--
0.5
dB
V
DS
= 15V
V
GS
= 0
R
G
= 10M
f= 100Hz
NBW= 6Hz
e
n
Voltage
--
--
7
nV/
√Hz V
DS
= 15V
I
D
= 500
µA f= 1kHz
NBW= 1Hz
e
n
Voltage
--
--
11
nV/
√Hz V
DS
= 15V
I
D
= 500
µA f= 10Hz
NBW= 1Hz
CAPACITANCE
C
ISS
Input
--
--
8
pF
V
DS
= 15V
I
D
= 500
µA
C
RSS
Reverse Transfer
--
--
3
pF
C
DD
Drain-to-Drain
--
0.5
--
pF
V
DG
= 15V
I
D
= 500
µA
NOTES:
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
TO-71
Six Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
6 LEADS
3
2
1
8
4
5
6
0.046
0.036
45°
0.048
0.028
0.100
0.050
7
TO-78
0.335
0.370
0.305
0.335
0.016
0.019
0.165
0.185
0.040
MAX.
DIM. A
0.016
0.021
DIM. B
MIN. 0.500
0.200
0.100
0.100
0.028
0.034
45°
1
2 3 4
5
6
7
8
0.029
0.045
SEATING
PLANE
S1 1
2
3
45
6
7
8
D1
SS
G1
S2
G2
SS
D2
P-DIP
S1 1
2
3
45
6
7
8
D1
SS
G1
S2
G2
SS
D2
0.150
0.158
(3.81)
(4.01)
0.188
0.197
0.228
0.244
(5.79)
(6.20)
SOIC
0.320
0.290
(8.13)
(7.37)
0.405
MAX.
(10.29)
(4.78)
(5.00)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com