Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3955 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS3955
Description  LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS3955 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS3955 Datasheet HTML 1Page - Linear Integrated Systems LS3955 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
Linear Integrated Systems 4042 Clipper Court, Fremont, CA 94538 • TEL: (510) 490-9160 • FAX: (510) 353-0261
1
7
35
BOTTOM VIEW
2
6
ELECTRICAL CHARACTERISTICS @ 25
°C (unless otherwise noted)
SYMBOL
CHARACTERISTICS
LS3954A LS3954 LS3955 LS3956 LS3958 UNITS CONDITIONS
|
∆V
GS1-2
/
∆T| max. Drift vs. Temperature
5
10
25
50
100
µV/°CV
DG
= 20V, I
D
= 200
µA
T
A
= -55
°C to +125°C
|V
GS1-2
| max.
Offset Voltage
5
5
10
15
25
mV
V
DG
= 20V, I
D
= 200
µA
G1
S2
G2
S1
D2
D1
D2
S1
G2
G1
D1
S2
31 X 32 MILS
FEATURES
LOW DRIFT
|
∆V
GS1-2
/
∆T|= 5µV/°C max.
LOW LEAKAGE
I
G
= 20pA TYP.
LOW NOISE
e
n
= 10nV/
√Hz TYP.
ABSOLUTE MAXIMUM RATINGS NOTE 1
@ 25
°C (unless otherwise noted)
Maximum Temperatures
Storage Temperature
-65
° to +200°C
Operating Junction Temperature
+150
°C
Maximum Voltage and Current for Each Transistor NOTE 1
-V
GSS
Gate to Drain or Source Voltage
60V
-V
DSO
Drain to Source Voltage
60V
-I
G(f)
Gate Forward Current
50mA
Maximum Power Dissipation
Device Dissipation @ Free Air - Total
400mW @ 25
°C
LOW NOISE LOW DRIFT
MONOLITHIC DUAL N-CHANNEL JFET
SYMBOL
CHARACTERISTICS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
BV
GSS
Breakdown Voltage
60
--
--
V
V
DS
= 0
I
D
= 1
µA
BV
GGO
Gate-to-Gate Breakdown
60
--
--
V
I
G
= 1nA
I
D
= 0
I
S
= 0
TRANSCONDUCTANCE
Y
fss
Full Conduction
1000
2000
3000
µmho V
DG
= 20V
V
GS
= 0
f= 1kHz
Y
fs
Typical Operation
500
700
1000
µmho V
DG
= 20V
I
D
= 200
µA
|Y
fs1-2
/Y
fs
|
Mismatch
--
0.6
3
%
DRAIN CURRENT
I
DSS
Full Conduction
0.5
2
5
mA
V
DG
= 20V
V
GS
= 0
|I
DSS1-2
/I
DSS
|
Mismatch at Full Conduction
--
1
5
%
GATE VOLTAGE
V
GS
(off) or V
P
Pinchoff Voltage
1
2
4.5
V
V
DS
= 20V
I
D
= 1nA
V
GS
Operating Range
0.5
--
4
V
V
DS
= 20V
I
D
= 200
µA
GATE CURRENT
-I
G
Operating
--
20
50
pA
V
DG
= 20V
I
D
= 200
µA
-I
G
High Temperature
--
--
50
nA
V
DG
= 20V
I
D
= 200
µAT
A
=+125
°C
-I
G
Reduced V
DG
--
5
--
pA
V
DG
= 10V
I
D
= 200
µA
-I
GSS
At Full Conduction
--
--
100
pA
V
DG
= 20V
V
DS
= 0
LS3954A LS3954 LS3955
LS3956 LS3958


Similar Part No. - LS3955

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS3955 MICROSS-LS3955 Datasheet
282Kb / 1P
Monolithic Dual N-Channel JFET
LS3955 MICROSS-LS3955 Datasheet
282Kb / 1P
Monolithic Dual N-Channel JFET
LS3955 MICROSS-LS3955 Datasheet
280Kb / 1P
Monolithic Dual N-Channel JFET
LS3955 MICROSS-LS3955 Datasheet
294Kb / 1P
Monolithic Dual N-Channel JFET
LS3955 MICROSS-LS3955 Datasheet
294Kb / 1P
Monolithic Dual N-Channel JFET
More results

Similar Description - LS3955

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
U401 LINEAR-U401 Datasheet
241Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
logo
New Jersey Semi-Conduct...
LSU404 NJSEMI-LSU404 Datasheet
71Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
2N5905 MICROSS-2N5905 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5906 MICROSS-2N5906 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5909 MICROSS-2N5909 Datasheet
292Kb / 1P
LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com