Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP6141 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP6141
Description  35A Synchronous Step Down COT Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6141 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP6141 Datasheet HTML 3Page - Exar Corporation XRP6141 Datasheet HTML 4Page - Exar Corporation XRP6141 Datasheet HTML 5Page - Exar Corporation XRP6141 Datasheet HTML 6Page - Exar Corporation XRP6141 Datasheet HTML 7Page - Exar Corporation XRP6141 Datasheet HTML 8Page - Exar Corporation XRP6141 Datasheet HTML 9Page - Exar Corporation XRP6141 Datasheet HTML 10Page - Exar Corporation XRP6141 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
XRP6141
35A Synchronous Step Down COT Controller
© 2015 Exar Corporation
7/14
Rev. 2.0.0
Fig. 10: Powerup, DCM/CCM, IOUT=0A
Fig. 11: Powerup, DCM/CCM, IOUT=25A
Fig. 12: Efficiency, 5VIN, 1.8VOUT, 0.47uH, 300kHz
Fig. 13: Efficiency, 5VIN, 1.2VOUT, 0.47uH, 300kHz
Fig. 14: Efficiency, 5VIN, 1.0VOUT, 0.47uH, 300kHz
Fig. 15: Efficiency, 12VIN, 3.3VOUT, 1uH, 300kHz
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.1
1
10
IOUT (A)
Forced CCM
DCM/CCM
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.1
1
10
IOUT (A)
Forced CCM
DCM/CCM
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.1
1
10
IOUT (A)
Forced CCM
DCM/CCM
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.1
1
10
IOUT (A)
Forced CCM
DCM/CCM
VIN
VOUT
SW
IL
VIN
VOUT
SW
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com