Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP6272 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP6272
Description  2A 5V-Adjustable Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6272 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP6272 Datasheet HTML 3Page - Exar Corporation XRP6272 Datasheet HTML 4Page - Exar Corporation XRP6272 Datasheet HTML 5Page - Exar Corporation XRP6272 Datasheet HTML 6Page - Exar Corporation XRP6272 Datasheet HTML 7Page - Exar Corporation XRP6272 Datasheet HTML 8Page - Exar Corporation XRP6272 Datasheet HTML 9Page - Exar Corporation XRP6272 Datasheet HTML 10Page - Exar Corporation XRP6272 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
X
XR
RP
P6
62
27
72
2
2
2A
A 5
5V
V--A
Ad
djju
us
stta
ab
blle
e L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
7/13
Rev. 1.2.0
Fig. 16: Enable Startup at VOUT = 1.8V
Fig. 17: Shutdown at VOUT = 1.8V
Fig. 18: Enable Startup at VOUT = 5V
Fig. 19: Shutdown at VOUT = 5V
Fig. 20: Current Foldback at VOUT = 1.8V
Fig. 21: Current Foldback at VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com