Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5911 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS5911
Description  IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS5911 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS5911 Datasheet HTML 1Page - Linear Integrated Systems LS5911 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
DYNAMIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
LS5911
LS5912
LS5912C
SYM.
CHARACTERISTIC
TYP
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
CONDITIONS
f
= 1kHz
4000 10000 4000 10000 4000 10000
gfs
Forward
Transconductance
f
= 100MHz
4000 10000 4000 10000 4000 10000
f
= 1kHz
100
100
100
gos
Output Conductance
f
= 100MHz
150
150
150
µS
VDG = 10V, ID = 5mA
Ciss
Input Capacitance
5
5
5
Crss
Reverse Transfer Capacitance
1.2
1.2
1.2
pF
VDG = 10V, ID = 5mA
f
= 1MHz
NF
Noise Figure
1
1
1
dB
VDG = 10V, ID = 5mA
f
= 10kHz, RG = 100KΩ
f
= 100Hz
7
20
20
20
nV/√Hz
VDG = 10V, ID = 5mA
f
= 100Hz
en
Equivalent Input
Noise Voltage
f
= 10kHz
4
10
10
10
nV/√Hz
VDG = 10V, ID = 5mA
f
= 10kHz
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulse Test: PW ≤ 300µs Duty Cycle ≤ 3%
3.
Assumes smaller value in numerator.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.
n or
1
2
3
4
8
7
6
5
SOIC-B
S1
D1
G1
NC
NC
G2
D2
S2
1
2
3
4
8
7
6
5
PDIP-B
S1
D1
G1
NC
NC
G2
D2
S2
Please contact the factory
regarding the availability of
optional packages.
TO-78
0.335
0.370
0.305
0.335
0.016
0.019
0.165
0.185
0.040
MAX.
DIM. A
0.016
0.021
DIM. B
MIN. 0.500
0.200
0.100
0.100
0.028
0.034
45°
1
2 3
5
6
7
0.029
0.045
SEATING
PLANE
1
3
5
SOT-23
DIMENSIONS IN
MILLIMETERS
2
4
6
0.95
1.90
1.50
1.75
2.60
3.00
0.35
0.50
2.80
3.00
0.90
1.30
0.00
0.15
0.09
0.20
0.10
0.60
1
2
3
4
8
7
6
5
PDIP-A
S1
D1
SS
G1
G2
SS
D2
S2
1
2
3
4
8
7
6
5
SOIC-A
S1
D1
SS
G1
G2
SS
D2
S2
TO-71
Six Lead
0.230
0.209
DIA.
DIA.
0.195
0.175
0.030
MAX.
0.500 MIN.
0.150
0.115
0.019
0.016
DIA.
6 LEADS
3
2
1
5
6
0.046
0.036
45°
0.048
0.028
0.100
0.050
7
1
SOIC
2
3
45
6
7
8
DIMENSIONS IN
INCHES
0.2284
0.2440
0.189
0.196
0.0075
0.0098
0.021
0.014
0.018
0.050
0.0040
0.0098
0.150
0.157
1
PDIP
DIMENSIONS IN
INCHES
2
3
4
5
6
7
8
0.145
0.170
0.060
0.100
0.250
0.375
0.038
0.295
0.320



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com