Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7725 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRP7725
Description  Power Management System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7725 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRP7725 Datasheet HTML 17Page - Exar Corporation XRP7725 Datasheet HTML 18Page - Exar Corporation XRP7725 Datasheet HTML 19Page - Exar Corporation XRP7725 Datasheet HTML 20Page - Exar Corporation XRP7725 Datasheet HTML 21Page - Exar Corporation XRP7725 Datasheet HTML 22Page - Exar Corporation XRP7725 Datasheet HTML 23Page - Exar Corporation XRP7725 Datasheet HTML 24Page - Exar Corporation XRP7725 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2014 Exar Corporation
Multiple selections will be combi
using the OR logic function.
•
External
Clock-in
–
enables
the
controller to lock to an external clock
including
one
from
another
applied to the GPIO0 pin. There are two
ranges of clock frequencies the controller
accepts, selectable by a user.
•
HW Power Good – the Power Good
hardware monitoring function. It can only
be forwarded to GPIO1. This is an output
voltage
monitoring
function
that
is
a
hardware comparison of channel output
voltage against its user defined Power
Good
threshold
limits
(Po
minimum and maximum levels). It has no
hysteresis. Multiple channel selections will
be combined using the AND logic function
of all channels selected.
The Power Good minimum and maximum
levels are expressed as percentages of the
target voltage.
“PGood Max” is the upper window and
“PGood Min” is the lower window.
The
minimum and maximum for each of these
I
In
ntte
ell N
No
od
de
e M
Ma
an
na
ag
ge
er
r C
Co
om
mp
pa
attiib
blle
e
P
Po
ow
we
er
r M
Ma
an
na
a
21/34
Multiple selections will be combined
using the OR logic function.
enables
the
controller to lock to an external clock
including
one
from
another
XRP7725
applied to the GPIO0 pin. There are two
ranges of clock frequencies the controller
the Power Good
hardware monitoring function. It can only
be forwarded to GPIO1. This is an output
voltage
monitoring
function
that
is
a
hardware comparison of channel output
voltage against its user defined Power
Good
threshold
limits
(Power
Good
minimum and maximum levels). It has no
hysteresis. Multiple channel selections will
be combined using the AND logic function
The Power Good minimum and maximum
levels are expressed as percentages of the
“PGood Max” is the upper window and
“PGood Min” is the lower window.
The
minimum and maximum for each of these
values can be calculated with the following
equation:
Where N=1 to 63 for the PGOOD Max
value and N=1 to 62 for the PGOOD Min
value.
For example, with the target
voltage of 1.5V and set point resolution of
2.5mV (LSB), the Power Good min and
max values can range from 0.17% to
10.3% and 0.17% to 10.5% respectively.
A user can effectively do
changing
to
the
next
higher
output
voltage range setting, but at the expense
of reduced set point resolution.
•
External Clock-out
through
GPIO1
for
synchronizing
with
another
XRP7725
(see
the
clock
out
section for more information).
FAULT HANDLING
There are seven different types
of
fault
handling:
•
Under
Voltage
Lockout
(UVLO)
monitors voltage supplied to the
and will cause the controller to shut down
all channels if the supply drops to critical
levels.
•
Over Temperature Protection (OTP)
monitors temperature of the chip and will
cause the controller to shut down all
channels if temperature rises to critical
levels.
•
Over
Voltage
Protection
(OVP)
monitors regulated voltage of a
and will cause the controll
user specified way if the regulated voltage
surpasses threshold level.
•
Over
Current
Protection
(OCP)
monitors current of a channel and will
cause the controller to react in a user
specified
way
if
the
current
level
surpasses threshold lev
•
Start-up
Time-out
Fault
whether a channel gets into regulation in
a user defined time period
•
LDO5 Over Current Protection (LDO5
OCP) monitors current
X
XR
RP
P7
77
72
25
5
e
e P
Pr
ro
og
gr
ra
am
mm
ma
ab
blle
e
a
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
Rev. 1.0.0
values can be calculated with the following
Where N=1 to 63 for the PGOOD Max
value and N=1 to 62 for the PGOOD Min
value.
For example, with the target
voltage of 1.5V and set point resolution of
2.5mV (LSB), the Power Good min and
max values can range from 0.17% to
10.3% and 0.17% to 10.5% respectively.
A user can effectively double the range by
changing
to
the
next
higher
output
voltage range setting, but at the expense
of reduced set point resolution.
– clock sent out
through
GPIO1
for
synchronizing
with
(see
the
clock
out
ormation).
different types
of
fault
Under
Voltage
Lockout
(UVLO)
nitors voltage supplied to the VCC pin
and will cause the controller to shut down
all channels if the supply drops to critical
Temperature Protection (OTP)
monitors temperature of the chip and will
cause the controller to shut down all
channels if temperature rises to critical
Over
Voltage
Protection
(OVP)
regulated voltage of a channel
and will cause the controller to react in a
user specified way if the regulated voltage
surpasses threshold level.
Over
Current
Protection
(OCP)
monitors current of a channel and will
cause the controller to react in a user
way
if
the
current
level
surpasses threshold level.
out
Fault
monitors
a channel gets into regulation in
a user defined time period
LDO5 Over Current Protection (LDO5
current drawn from the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com