Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26F32M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F32M
Description  Quad Differential Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26F32M Datasheet HTML 1Page - National Semiconductor (TI) DS26F32M Datasheet HTML 2Page - National Semiconductor (TI) DS26F32M Datasheet HTML 3Page - National Semiconductor (TI) DS26F32M Datasheet HTML 4Page - National Semiconductor (TI) DS26F32M Datasheet HTML 5Page - National Semiconductor (TI) DS26F32M Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS26F32M
Quad Differential Line Receivers
General Description
The DS26F32 is a quad differential line receiver designed to
meet the requirements of EIA Standards RS-422 and
RS-423, and Federal Standards 1020 and 1030 for balanced
and unbalanced digital data transmission.
The DS26F32 offers improved performance due to the use
of state-of-the-art L-FAST bipolar technology. The L-FAST
technology allows for higher speeds and lower currents by
utilizing extremely short gate delay times. Thus, the
DS26F32 features lower power, extended temperature
range, and improved specifications.
The device features an input sensitivity of 200 mV over the
input common mode range of ±7.0V. The DS26F32 provides
an enable function common to all four receivers and
TRI-STATE ® outputs with 8.0 mA sink capability. Also, a
fail-safe input/output relationship keeps the outputs high
when the inputs are open.
The DS26F32 offers optimum performance when used with
the DS26F31 Quad Differential Line Driver.
Features
n Military temperature range
n Input voltage range of ±7.0V (differential or common
mode) ±0.2V sensitivity over the input voltage range
n Meets all the requirements of EIA standards RS-422 and
RS-423
n High input impedance (18k typical)
n 30 mV input hysteresis
n Operation from single +5.0V supply
n Input pull-down resistor prevents output oscillation on
unused channels
n TRI-STATE outputs, with choice of complementary
enables, for receiving directly onto a data bus
n Propagation delay 15 ns typical
Connection Diagrams
Function Table
(Each Receiver)
Differential Inputs
Enables
Outputs
V
ID = (V IN+)−(VIN−)
E
E
OUT
V
ID ≥ 0.2V
H
X
H
XL
H
V
ID ≤ −0.2V
H
X
L
XL
L
XL
H
Z
H = High Level
L = Low Level
X = Immaterial
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
16-Lead DIP
DS009615-1
Top View
See NS Package Number J16A
For Complete Military Product Specifications,
refer to the appropriate SMD or MDS.
Order Number DS26F32ME/883,
DS26F32MJ/883 or DS26F32MW/883
See NS Package Number E20A, J16A or W16A
20-Lead Ceramic Leadless Chip Carrier
DS009615-7
May 1999
© 1999 National Semiconductor Corporation
DS009615
www.national.com


Similar Part No. - DS26F32M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
140Kb / 6P
Quad Differential Line Receiver
DS26F32ME NSC-DS26F32ME Datasheet
140Kb / 6P
Quad Differential Line Receiver
DS26F32ME/883 NSC-DS26F32ME/883 Datasheet
313Kb / 12P
QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
DS26F32ME/883 NSC-DS26F32ME/883 Datasheet
665Kb / 11P
DS26F32MQML
logo
Texas Instruments
DS26F32ME/883 TI1-DS26F32ME/883 Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
More results

Similar Description - DS26F32M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
DS26LS32MQML Quad Differential Line Receivers
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
Renesas Technology Corp
HS-26C32RH RENESAS-HS-26C32RH Datasheet
411Kb / 9P
Radiation Hardened Quad Differential Line Receivers
Oct 21, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com