Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5301 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS5301
Description  VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS5301 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS5301 Datasheet HTML 1Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DIRECT REPLACEMENT FOR LF5301, PF5301, & 2N5301
HIGH INPUT INPEDANCE
IG = 0.100 pA
HIGH GAIN
gfs = 70 µS
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature (TO-72)
-65 to 175°C
Storage Temperature (TO-92)
-65 to 150°C
Maximum Power Dissipation
Continuous Power Dissipation
300mW
Maximum Currents
Gate Current
50mA
Maximum Voltages
Gate to Drain
-30V
Gate to Source
-30V
COMMON ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNIT
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
-30
VDS = 0V, ID = -1µA
VGS(off)
Gate to Source Cutoff Voltage
0.6
3.0
V
VDS = 10V, ID = 1nA
IGSS
Gate Leakage Current
-1
VDS = 0V, VGS = -15V
IG
Gate Operating Current
0.04
pA
VDG = 6V, ID = 5µA
IDSS
Drain to Source Saturation Current
30
500
µA
VDS = 10V, VGS = 0V
gfs
Forward Transconductance
70
300
µS
VDS = 10V, VGS = 0V, f = 1kHz
Ciss
Input Capacitance
3
Crss
Reverse Transfer Capacitance
1.5
pF
VDS = 10V, VGS = 0V, f = 1MHz
en
Equivalent Noise Voltage
45
150
nV/√Hz
VDG = 10V, ID = 50µA, f = 100Hz
LS5301, PF5301
VERY HIGH INPUT IMPEDANCE
N-CHANNEL JFET
Linear Integrated Systems
LS SERIES
D
S
G
2
1
3
BOTTOM VIEW
TO-72
4
C
PF SERIES
TO-92
BOTTOM VIEW
12
3
DS G
NOTES
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implicatio
otherwise under any patent or patent rights of Linear Integrated Systems.
n or
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - LS5301

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS5301 MICROSS-LS5301 Datasheet
283Kb / 1P
N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
288Kb / 1P
N-CHANNEL JFET
LS5301 MICROSS-LS5301 Datasheet
285Kb / 1P
N-CHANNEL JFET
logo
Linear Integrated Syste...
LS5301 LINEAR-LS5301_14 Datasheet
182Kb / 1P
VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
More results

Similar Description - LS5301

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS4117-9 LINEAR-LS4117-9 Datasheet
14Kb / 1P
ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Micross Components
2N5301_TO-18 MICROSS-2N5301_TO-18 Datasheet
288Kb / 1P
a very High Input Impedance N-Channel JFET amplifier
2N5301_TO-72 MICROSS-2N5301_TO-72 Datasheet
288Kb / 1P
a very High Input Impedance N-Channel JFET amplifier
LS4117_SOT-23 MICROSS-LS4117_SOT-23 Datasheet
284Kb / 1P
Ultra-High Input Impedance N-Channel JFET
LS4119_TO-92 MICROSS-LS4119_TO-92 Datasheet
285Kb / 1P
Ultra-High Input Impedance N-Channel JFET
PF5301_TO-18 MICROSS-PF5301_TO-18 Datasheet
288Kb / 1P
a very High Input Impedance N-Channel JFET amplifier
PF5301_TO-72 MICROSS-PF5301_TO-72 Datasheet
288Kb / 1P
a very High Input Impedance N-Channel JFET amplifier
PF5301_TO-92 MICROSS-PF5301_TO-92 Datasheet
284Kb / 1P
very High Input Impedance N-Channel JFET amplifier
2N5301 MICROSS-2N5301 Datasheet
288Kb / 1P
a very High Input Impedance N-Channel JFET amplifier
logo
Linear Integrated Syste...
LS5301 LINEAR-LS5301_14 Datasheet
182Kb / 1P
VERY HIGH INPUT IMPEDANCE N-CHANNEL JFET AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com