Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706APAPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAPR
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAPR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5706APAPR Datasheet HTML 1Page - Texas Instruments TAS5706APAPR Datasheet HTML 2Page - Texas Instruments TAS5706APAPR Datasheet HTML 3Page - Texas Instruments TAS5706APAPR Datasheet HTML 4Page - Texas Instruments TAS5706APAPR Datasheet HTML 5Page - Texas Instruments TAS5706APAPR Datasheet HTML 6Page - Texas Instruments TAS5706APAPR Datasheet HTML 7Page - Texas Instruments TAS5706APAPR Datasheet HTML 8Page - Texas Instruments TAS5706APAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
1
FEATURES
DESCRIPTION
TAS5706A
TAS5706B
www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
Processing
23
• Audio Input/Output
–
Adaptive Biquad Coefficients for EQ and
DRC Filters
–
20-W into an 8-
Ω Load From an 18-V Supply
–
Programmable Input and Output Mixers
–
Two Serial Audio Inputs (Four Audio
Channels)
–
Automatic Sample-Rate Detection and
Coefficient Banking
• TAS5706A Supports:
• General Features
–
2-Ch Bridged Outputs (20 W × 2)
–
Serial Control Interface Operational Without
• TAS5706B Supports:
MCLK
–
2-Ch Bridged Outputs (20 W × 2)
–
Factory-Trimmed Internal Oscillator Avoids
–
4-Ch Single-Ended Outputs (10 W × 4)
the Need for External Crystal
–
2-Ch Single-Ended + 1-Ch Bridged (2.1
–
Surface Mount, 64-Terminal, 10-mm ×
Mode) (10 W × 2 + 20 W)
10-mm HTQFP Package
• Supports 32-kHz–192-kHz Sample Rates
–
Thermal and Short-Circuit Protection
(LJ/RJ/I2S)
• Closed Loop Power Stage Architecture
–
Improved PSRR Reduces Power Supply
The TAS5706A/B is a 20-W, efficient, digital audio
Performance Requirements
power
amplifier
for
driving
stereo
bridged-tied
–
Higher Damping Factor Provides for
speakers. Two serial data inputs allow processing of
Tighter, More Accurate Sound With
up to four discrete audio channels and seamless
Improved Bass Response
integration to most digital audio processors and
MPEG decoders, accepting a wide range of input
–
Constant Output Power Over Variation in
data and clock rates. A fully programmable data path
Supply
allows these channels to be routed to the internal
• Wide PVCC Range From (10 V to 26 V)
speaker drivers or output via the subwoofer or
–
No Separate Supply Required for Gate
headphone PWM outputs.
Drive
The TAS5706A/B is a slave-only device receiving all
• Headphone PWM Outputs
clocks from external sources. The TAS5706A/B
operates at a 384-kHz switching rate for 32-, 48-, 96-,
• Subwoofer PWM Outputs
and 192-kHz data, and at a 352.8 kHz switching rate
• AM Interference Avoidance Support
for 44.1-, 88.2-, and 176.4-kHz data. The 8×
• Audio/PWM Processing
oversampling combined with the fourth-order noise
shaper provides a flat noise floor and excellent
–
Independent Channel Volume Controls With
dynamic range from 20 Hz to 20 kHz.
48-dB to –79-dB Range—Soft Mute (50%
Duty Cycle)
–
Programmable Dynamic Range Control
–
7 Programmable Biquads for Speaker
Equalization for Left and Right Channels
–
4 Programmable Biquads for Bass
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
TAS5706A is Not Recommended for New Designs


Similar Part No. - TAS5706APAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5706APAPR TI1-TAS5706APAPR Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706APAPRG4 TI1-TAS5706APAPRG4 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results

Similar Description - TAS5706APAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5706 TI-TAS5706 Datasheet
1Mb / 62P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709 Datasheet
1Mb / 59P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com