Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5000 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # SD5000
Description  QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SD5000 Datasheet(HTML) 2 Page - Linear Integrated Systems

  SD5000 Datasheet HTML 1Page - Linear Integrated Systems SD5000 Datasheet HTML 2Page - Linear Integrated Systems SD5000 Datasheet HTML 3Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Absolute Maximum Ratings (TA = 25
0C Unless Otherwise Noted)
Gate-Drain, Gate-Source Voltage
(SD5000, SD5400) ...................................................................... +30 V/-25 V
(SD5001, SD5401) ...................................................................... +25 V/-15 V
Gate-Substrate Voltage
(SD5000, SD5400) ............. +30 V/-0.3 V
(SD5001, SD5401) ............. +25 V/-0.3 V
Drain-Source Voltage
(SD5000, SD5400) ........................... 20 V
(SD5001, SD5401 ............................. 10 V
Drain-Source-Substrate Voltage
(SD5000, SD5400) ........................... 25 V
(SD5001, SD5401) ........................... 15 V
Drain Current ........................................................................................ 50 mA
Lead Temperature (1/16” from case for 10 seconds) ............................. 3000C
Storage Temperature .................................................................... -65 to 1500C
Operating Junction Temperature ................................................. -55 to 1500C
Power Dissipationa, b:
(Package) .................................................. 500 mW
(each Device) ........................................... 300 mW
Notes:
a. SD5000/SD5001 derate 5 mW/0C above 250C
b. SD5400/SD5401 derate 4 mW/0C above 250C
Specificationsa



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com