Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST503 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # SST503
Description  CURRENT REGULATING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

SST503 Datasheet(HTML) 2 Page - Linear Integrated Systems

  SST503 Datasheet HTML 1Page - Linear Integrated Systems SST503 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V-I CHARACTERISTICS CURRENT REGULTING DIODE
POV
IF
Zk
VL
VR
VR
IR
IF
VF
rDS
PACKAGING DETAILS
1
2
3
SOT-23
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulsed, t = 2ms. Maximum VF where IF < 1.1IF(max).
3.
Pulsed, t = 2ms. Continuous currents may vary.
4.
Pulsed, t = 2ms. Continuous impedances may vary.
5.
Min VF required to ensure IF = 0.8IF(min).
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any
infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Linear Integrated Systems.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com