Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2SMA110 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # Z2SMA110
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

Z2SMA110 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  Z2SMA110 Datasheet HTML 1Page - SUNMATE electronic Co., LTD Z2SMA110 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Z2SMA200
Z2SMA190
Z2SMA180
Z2SMA170
Z2SMA160
Z2SMA150
Z2SMA140
Z2SMA130
Z2SMA120
Z2SMA110
Z2SMA100
Z2SMA91
Z2SMA82
Z2SMA75
Z2SMA68
Z2SMA62
Z2SMA56
Z2SMA51
Z2SMA47
Z2SMA43
Z2SMA39
Z2SMA36
Z2SMA33
Z2SMA30
Z2SMA27
Z2SMA24
Z2SMA22
Z2SMA20
Z2SMA19
Z2SMA18
Z2SMA17
Z2SMA16
Z2SMA15
Z2SMA14
Z2SMA13
Z2SMA12
Z2SMA11
Z2SMA10
Z2SMA9V1
Z2SMA8V2
Z2SMA7V5
Z2SMA6V8
Z2SMA6V2
Z2SMA5V6
Z2SMA5V1
Z2SMA4V7
Z2SMA4V3
Z2SMA3V9
Z2SMA3V6
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3.6
139
5.0
400
1.0
80
1.0
504
3.9
128
5.0
400
1.0
30
1.0
468
4.3
116
4.5
400
1.0
20
1.0
434
4.7
106
4.5
550
1.0
5.0
1.0
386
5.1
98.0
3.5
600
1.0
5.0
1.0
356
5.6
89.5
2.5
500
1.0
5.0
2.0
324
6.2
80.5
1.5
700
1.0
5.0
3.0
292
6.8
73.5
2.0
700
1.0
5.0
4.0
266
7.5
66.5
2.0
700
0.5
50
5.0
242
8.2
61.0
2.3
700
0.5
50
6.0
220
9.1
55.0
2.5
700
0.5
50
7.0
200
10
50.0
3.5
700
0.25
50
7.6
182
11
45.5
4.0
700
0.25
50
8.4
166
12
41.5
4.5
700
0.25
1.0
9.1
152
13
38.5
5.0
700
0.25
0.5
9.9
138
14
35.7
5.5
700
0.25
0.5
10.6
130
15
33.4
7.0
700
0.25
0.5
11.4
122
16
31.2
8.0
700
0.25
0.5
12.2
114
17
29.4
9.0
750
0.25
0.5
13.0
107
18
27.8
10
750
0.25
0.5
13.7
100
19
26.3
11
750
0.25
0.5
14.4
95
20
25.0
11
750
0.25
0.5
15.2
90
22
22.8
12
750
0.25
0.5
16.7
82
24
20.8
13
750
0.25
0.5
18.2
76
27
18.5
18
750
0.25
0.5
20.6
68
30
16.6
20
1000
0.25
0.5
22.5
60
33
15.1
23
1000
0.25
0.5
25.1
55
36
13.9
25
1000
0.25
0.5
27.4
50
39
12.8
30
1000
0.25
0.5
29.7
47
43
11.6
35
1500
0.25
0.5
32.7
43
47
10.6
40
1500
0.25
0.5
35.8
39
51
9.8
48
1500
0.25
0.5
38.8
36
56
9.0
55
2000
0.25
0.5
42.6
32
62
8.1
60
2000
0.25
0.5
47.1
29
68
7.4
75
2000
0.25
0.5
51.7
27
75
6.7
90
2000
0.25
0.5
56.0
24
82
6.1
100
3000
0.25
0.5
62.2
22
91
5.5
125
3000
0.25
0.5
69.2
20
100
5.0
175
3000
0.25
0.5
76.0
18
110
4.5
250
4000
0.25
0.5
83.6
17
120
4.2
325
4500
0.25
0.5
91.2
15
130
3.8
400
5000
0.25
0.5
98.8
14
140
3.6
500
5500
0.25
0.5
106.4
13
150
3.3
575
6000
0.25
0.5
114.0
12
160
3.1
650
6500
0.25
0.5
121.6
11
170
2.9
675
7000
0.25
0.5
130.4
11
180
2.8
725
7000
0.25
0.5
136.8
10
190
2.6
825
8000
0.25
0.5
144.8
10
200
2.5
900
8000
0.25
0.5
152.0
9.0
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com