Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP85NP-R50MC-125 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP85NP-R50MC-125
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP85NP-R50MC-125 Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP85NP-R50MC-125 Datasheet HTML 1Page - Sumida Corporation CDEP85NP-R50MC-125 Datasheet HTML 2Page - Sumida Corporation CDEP85NP-R50MC-125 Datasheet HTML 3Page - Sumida Corporation CDEP85NP-R50MC-125 Datasheet HTML 4Page - Sumida Corporation CDEP85NP-R50MC-125 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP85
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 8.4×8.4×5.5 mm Max.
• Product weight:1.2 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 1000pcs per reel
Applications
• Ideally used in portable computer CPU power
supply.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
8.0 ±0.4
8.
0
±
0.
4
5.5 Max.
1.
4
±
0.
1
4.
6
±
0.
2
2.
0
±
0.
1
2.
0
±
0.
1
2.2
2.8
③
②
①
2.2
2.8
9.0
2.
0
2.
1
7.
2
②
①
③
Electrical Characteristics
Electrical characteristics - Low D.C.R. Type
6.5
2.2(2.8)
2.6(3.2)
15.1(12.6)
10.0
μH±20%
100ML
CDEP85NP-1ØØMC-125
7.5
2.6(3.2)
2.9(3.6)
11.7(9.8)
8.0
μH±20%
8R0ML
CDEP85NP-8RØMC-125
8.3
2.9(3.6)
3.4(4.2)
9.8(8.2)
6.1
μH±20%
6R1ML
CDEP85NP-6R1MC-125
9.7
3.2(4.0)
3.6(4.5)
8.1(6.8)
4.5
μH±20%
4R5ML
CDEP85NP-4R5MC-125
10.8
3.7(4.6)
4.4(5.5)
7.0(5.9)
3.1
μH±20%
3R1ML
CDEP85NP-3R1MC-125
13.5
4.7(5.9)
5.3(6.6)
4.8(4.0)
2.0
μH±20%
2R0ML
CDEP85NP-2RØMC-125
17.0
6.8(8.5)
7.8(9.8)
3.4(2.8)
1.1
μH±20%
1R1ML
CDEP85NP-1R1MC-125
18.0
10.4(13.0)
12.0(15.0)
2.5(2.1)
0.5
μH±20%
R50ML
CDEP85NP-R5ØMC-125
(at105
℃)
(at 20
℃)
Temperature
Rise Current
(A)
※3
Saturation
current
(A)
※2
D.C.R.
(m
Ω)[Max.]
(at20
℃)
Inductance
[Within]※1
Stamp
Part No.


Similar Part No. - CDEP85NP-R50MC-125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP85 SUMIDA-CDEP85 Datasheet
152Kb / 3P
POWER INDUCTORS
CDEP85 SUMIDA-CDEP85_11 Datasheet
185Kb / 6P
Ferrite core construction.
More results

Similar Description - CDEP85NP-R50MC-125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com